Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIPRM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CIPRM
Description  Coherent InGaAs PIN balanced receiver module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CIPRM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CIPRM Datasheet HTML 1Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 2Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 3Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 4Page - List of Unclassifed Manufacturers CIPRM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.excelitas.com
Page 2 of 5
CIPRM balanced receiver, Rev. 2016-01
CIPRM series
Coherent InGaAs PIN balanced receiver module
Table 1: receiver specifications @ Tcase = 22 C, in 50Ω load, unless otherwise specified
Parameter
Typical specification
Notes
Wavelength Range
800-1700nm
Detector Material
InGaAs
Detector Diameter
0.1mm
Detector Responsivity (Peak)
0.95 (A/W)
@1550nm
Optical Input
FC/APC for -1
Flanged pigtail for -2
For -2, SM fiber, 9/125 with 900μm
buffer
Saturation Optical Power
200µW
CW or average power on one detector,
(unbalanced)
10mW
When average power is the same on
both detectors (balanced)
Maximum Input Range
0.35mW
Differential signal
10mW
Absolute maximum, differential signal
Integrated noise
100nW
NEP*√BW (at input)
Photo-current Monitoring Coefficient
10V/mW
Transimpedance Gain
32x10
3 V/A
Conversion Gain, Maximum
30×10
3V/W
Bandwidth (-3 dB)
2.5kHz - 200MHz
Rise Time
2ns
Common Mode Rejection
30dB
NEP
5 pW/√Hz
Calculated
Overall output voltage noise
3mVrms
Measured
Output Impedance
50Ω
Output Connector
SMA
Maximum RF Power
+11dBm in 50Ω
Power Supply Requirements
±12V DC
Supply voltage
I+12V =32mA
I-12V = 5mA
Supply current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com