Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8128ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8128ACPZ-R7
Description  CAT-5 Receiver with Adjustable Line Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8128ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8128ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
AD8128
Rev. A | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
3
VGAIN
4
VPEAK
1
VIN+
2
VIN–
6 VOUT
5 VS–
8 VS+
7 VOFFSET
AD8128
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD MUST BE ELECTRICALLY
CONNECTED TO GROUND TO PROVIDE A
GROUND REFERENCE TO THE DEVICE (SEE
THE EXPOSED PAD (EP) SECTION).
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN+
Positive Equalizer Input
2
VIN−
Negative Equalizer Input
3
VGAIN
0 V to 1 V Broadband Gain Control
4
VPEAK
0 V to 1 V High Frequency Gain Control
5
VS−
Negative Power Supply
6
VOUT
Equalizer Output
7
VOFFSET
DC Offset Adjust
8
VS+
Positive Power Supply
EP
GND
Ground Reference and Thermal Pad. The exposed pad must be electrically connected to ground to provide a
ground reference to the device (see the Exposed Pad (EP) section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com