Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8128ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8128ACPZ-R7
Description  CAT-5 Receiver with Adjustable Line Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8128ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8128ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8128ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
AD8128
Rev. A | Page 7 of 12
1.5
–1.5
0
200
TIME (ns)
1.0
0.5
0
–0.5
–1.0
20
40
60
80
100
120
140
160
180
VPEAK AND VGAIN SETTINGS ARE
CONSISTENT WITH OPTIMIZED
SETTINGS IN FIGURE 4
Figure 10. Equalized Pulse Response for 100 M of Cable
40
–40
–4
4
VIN, CM (V)
30
20
10
0
–10
–20
–30
–3
–2
–1
0
1
2
3
Figure 11. Output Voltage vs. Common-Mode Input Voltage
100
10
0.1
1k
FREQUENCY (MHz)
1
10
100
VPEAK =0V
VGAIN =0V
VPEAK =0.9V
VGAIN = 0.225V
Figure 12. Voltage Noise vs. Frequency
1.8
0
0
1.0
VPEAK (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VGAIN SETTINGS ARE CONSISTENT
WITH OPTIMIZED SETTINGS IN FIGURE 4
Figure 13. Integrated Voltage Noise vs. VPEAK
6
–6
0
500
TIME (ns)
4
2
0
–2
–4
50
100
150
200
250
300
350
400
450
VPEAK =0V
VGAIN =0V
OUTPUT
INPUT
Figure 14. Overdrive Recovery Time
20
–80
0.1
1k
FREQUENCY (MHz)
1
10
100
10
0
–10
–20
–30
–40
–50
–60
–70
VGAIN =1V
VPEAK =1V
VGAIN =0V
VPEAK =0V
Figure 15. Common-Mode Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com