Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8141ACPZ-R7
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8141ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8141/AD8142
Rev. B | Page 17 of 24
The desired differential output in this example is 1.4 V p-p
because the terminated input signal is 0.7 V p-p and the closed-
loop gain = 2. The actual differential output voltage is equal to
(0.725 V p-p)(2 kΩ/1038.3 Ω) = 1.4 V p-p. This illustrates how
the two aforementioned effects cancel for large RF and RG.
DRIVING A CAPACITIVE LOAD
A purely capacitive load can react with the output impedance of
the drivers to reduce phase margin, resulting in high frequency
ringing in the pulse response. The best way to minimize this effect
is to place the source termination resistors immediately at the
amplifier outputs to minimize parasitic capacitances formed by
unnecessarily long traces.
DISABLE
The AD8141 and AD8142 have disable pins that, when pulled high,
significantly reduce the power consumed while simultaneously
placing the outputs in high-Z states. The disable feature can be
used to multiplex two drivers. See Figure 17, Figure 19, and
Figure 22 for the disabled input-to-output isolation, output
impedance, and response performance. The threshold levels
for the disable pin are listed in Table 1.
An output glitch occurs whenever the disable feature is asserted or
deasserted. See the Applications Information section for details.
AD8142 SYNC-ON-COMMON-MODE
The AD8142 includes on-chip, sync-on-common-mode circuitry
that encodes externally applied HSYNC and VSYNC signals onto the
common-mode output voltages of each of the R, G, and B drivers.
The circuit encodes the horizontal and vertical sync pulses in a
way that results in low radiated energy. A simplified circuit that
illustrates how the pulses are encoded is shown in Figure 41.
For a more detailed description of the sync scheme, see the
Applications Information section.
The sync-on-common-mode circuit generates a current based
on the voltage applied to the SYNC LEVEL input pin (Pin 18)
with respect to the negative supply. With SYNC LEVEL input
tied to VS−, the common-mode output of all drivers is set at 1.5 V
above the negative supply. Using a resistor divider, a voltage can
be applied between VS− and SYNC LEVEL that determines the
maximum deviation of the common-mode outputs from their
midsupply level. If, for instance, SYNC LEVEL − VS− = 0.5 V
and the supply voltage is 5 V, then the common-mode outputs
fall within an envelope of 1.5 V ± 0.5 V. The state of each VOUT, cm
output based on the HSYNC and VSYNC inputs is determined by
the equations defined in the Applications Information section.
For the positive supplies between 2.5 V and 5 V, the sync-on-
common-mode circuit can be used by directly applying standard
HSYNC and VSYNC signals to the respective AD8142 inputs. These
inputs adhere to standard logic thresholds (see Table 1 for the
exact levels). The HSYNC and VSYNC inputs, therefore, can be
driven directly off the output of a computer video card without
concern of being overdriven. The input path from the HSYNC and
VSYNC inputs to the switches in the current mode level-shifting
circuit are well matched to eliminate false switching transients. This
maximizes common-mode balance and minimizes radiated energy.
H
V
V
H
HR
R
R
R
R
R
H
V
VS–
BLUE VOCM
SYNC LEVEL
HSYNC
VSYNC
VS+
H
V
H
R
V
MIRROR
MIRROR
V
V
V
RED VOCM
GREEN VOCM
Figure 41. Sync-On-Common-Mode Simplified Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com