Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8141ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8141ACPZ-R7
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8141ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8141ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8141ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8141/AD8142
Rev. B | Page 19 of 24
SINGLE 5 V SUPPLY APPLICATION INFORMATION
The AD8141 and AD8142 require a nominal voltage of 5 V
across their VS+ and VS− power supply pins, and that their EPADs
be connected to system ground; the voltage between VS+ and the
local system ground must be greater than or equal to 2.5 V and
less than or equal to 5 V. These requirements can be met by a
single +5 V supply, or split supplies such as ±2.5 V, +3 V/−2 V,
and so on. Operating the AD8141 and AD8142 with ±2.5 V
supplies provides considerable power savings compared with
other drivers operating at ±5 V supplies, without any disadvantages
with regard to input and output ranges in most cases.
The receivers used with the AD8141 and AD8142, such as the
AD8145, AD8143, AD8123, and AD8128, generally operate
with split supplies, ranging from ±5 V to ±12 V. The split supply
arrangement results in a receiver input common-mode range
that is centered at 0 V relative to the local ground reference and
ranges to within a volt or two from each rail. Ground potential
differences normally exist between the driver end and the receiver
end, and these differences cause the relative common-mode
voltages between the driver and receiver to shift. See Figure 43
for an example.
In Figure 43, VR, CM = VO, CM + VSHIFT. If VO, CM = 0 V and VSHIFT =
2 V, VR, CM is 2 V. This is because the receiver ground is shifted
down by 2 V relative to the driver ground, and the common-
mode level on the cable stays constant. It can be seen from this
example that the most margin to absorb ground shifts exists
when the center of the receiver input common-mode voltage
range relative to its ground is the same as the output common-
mode voltage of the driver with respect to its ground.
Most receivers operate with their input common-mode ranges
centered at 0 V; therefore, the best case for the driver is to set its
output common-mode voltage to 0 V. This is not possible for
the AD8141 or AD8142 on a single 5 V supply, but it can be
accomplished using split supplies. If a single 5 V supply is required,
the rail-to-rail output allows the AD8141 output common-mode
voltage to be set to less than 1 V to be as close as possible to the
ideal setting of 0 V. Whereas the AD8141 has uncommitted
VOCM inputs, the AD8142 has internal sync-encoding circuitry
that fixes the nominal output common-mode voltage at 1.5 V
above the negative rail. Each part has a resistive divider on the
VOCM input that sets the nominal output common-mode voltage
to 1.5 V above the negative rail when no external voltage is applied.
The divider consists of a 8.75 kΩ resistor to VS+ and a 3.75 kΩ
resistor to VS−, forming a Thevenin equivalent load of 2.6 kΩ to
30% of the voltage across the supplies. In the single 5 V supply
case, the Thevenin load voltage is 30% of 5 V above 0 V, or 1.5 V.
+
100Ω
49.9Ω
DRIVER
100Ω
UTP
49.9Ω
+
VR, CM
+
VO, CM
+ –
VSHIFT
+
VOCM
AD8141/AD8142
Figure 43. End-to-End Common-Mode Shifts due to Ground Shifts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com