Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8142ACPZ-R7
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8142ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8141/AD8142
Data Sheet
Rev. B | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
Positive supply
4.5
5.5
V
Quiescent Current
AD8141/AD8142
44/47
56/57
mA
Disabled
1.2
1.6
mA
PSRR
−77
dB
OUTPUT HIGH-Z PERFORMANCE
DIS Input Low Voltage
0 to 1.6
V
DIS Input High Voltage
1.9 to VS+
V
DIS Assert Time
5
ns
DIS Deassert Time
50
ns
Differential Output Impedance Magnitude
With DIS Asserted
1 MHz, each output, DIS input at VS+
11
kΩ
10 MHz, each output, DIS input at VS+
1.9
kΩ
ISOLATION
Input-to-Output
1 MHz, each output, DIS input at VS+
−78
dB
10 MHz, each output, DIS input at VS+
−58
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com