Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8142ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8142ACPZ-R7
Description  Low Cost, Triple Differential Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8142ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8142ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8142ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8141/AD8142
Rev. B | Page 9 of 24
0
–10
–20
–30
–40
–50
–60
–70
–80
1
10
100
1k
FREQUENCY (MHz)
ΔVOUT, cm/ΔVOUT, dm
ΔVOUT, dm = 2V p-p
Figure 12. Output Balance Error vs. Frequency
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0.1
1
10
100
FREQUENCY (MHz)
VOUT, dm = 2V p-p
HD3
HD2
Figure 13. AD8141 Harmonic Distortion vs. Frequency
–20
–40
–60
–80
–100
–120
–140
1
10
FREQUENCY (MHz)
100
1k
GREEN TO RED,
ΔVOUT, dm R/ΔVIN, dm G
RED
Figure 14. Channel-to-Channel Isolation vs. Frequency
100k
10k
1k
100
10
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 15. Output Voltage Noise Density vs. Frequency
–30
–40
–50
–60
–70
–80
–90
–100
–110
0.1
1
10
100
FREQUENCY (MHz)
VOUT, dm = 2V p-p
HD3
HD2
Figure 16. AD8142 Harmonic Distortion vs. Frequency
–30
–40
–50
–60
–70
–80
–90
1
10
100
1k
FREQUENCY (MHz)
DIS INPUT VOLTAGE = 5V
Figure 17. Disabled Input-to-Output Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com