Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT608 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PDT608
Description  Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PDT608 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PDT608 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PDT608 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PDT608 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PDT608 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T HY R IS T OR
60A A vg 800 V olts
PDT 608
PDH608
PCH608
■ 回路図 C IR C UIT
■ 最大定格 Maximum R ating s
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse V oltage
V RRM
800
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse V oltage
V RSM
960
V
PDT 608/PDH608/PCH608
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated V alue
単位
Unit
平均整流電流
A verage Rectified Output Current
I0(A V )
商用周波数 180° 通電
T c=83℃
Half Sine Wave
60
A
実効オン電流
RMS On-State Current
IT(RMS)
94
A
電流二乗時間積
I Squared t
I2t
2∼10ms
7200
A 2s
動作接合温度範囲
Operating J unction T emperature Range
T jw
−40∼+125
℃
保存温度範囲
Storage T emperature Range
T stg
−40∼+125
℃
締付トルク
Mounting T orque
F
サーマルコンパウンド塗布
Greased
2.4∼2.8
N・m
2.4∼2.8
N・m
ベース部
Mounting
主端子部
T erminal
サージオン電流
Surge On-State Current
IT SM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
1200
A
M5
M5
くり返しピークオフ電圧
Repetitive Peak Off-State V oltage
V DRM
800
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State V oltage
V DSM
960
V
ピークゲート逆電圧
Peak Gate Reverse V oltage
V RGM
5
V
ピークゲート電圧
Peak Gate V oltage
V GM
10
V
ピークゲート電流
Peak Gate Current
IGM
2
A
平均ゲート電力損失
A verage Gate Power
PG(A V )
1
W
ピークゲート電力損失
Peak Gate Power
PGM
5
W
臨界オン電流上昇率
Critical Rate of Rise of T urned-On Current
di/dt
V D= 2/3V DRM,IT M= 2・IO,T j=125℃
IG= 200mA ,diG/dt= 0.2A /μ s
100
A /μ s
絶縁耐圧
Isolation V oltage
V iso
端子−ベース間,A C1分間
T erminal to Base, A C1min.
2000
V
■ 外形寸法図 OUT L INE D R A WING
(単位 Dimension:mm)
K 1 G1
K 2 G2
1
2
3
P D T
K 1 G1
1
2
3
P D H
K 2 G2
1
2
3
P C H
1アーム当りの値 V alue Per 1 A rm.


Similar Part No. - PDT608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT608 NIEC-PDT608 Datasheet
250Kb / 5P
THYRISTOR MODULE 60A/800V
PDT608 NIEC-PDT608 Datasheet
245Kb / 4P
60A Avg 800 Volts
PDT608 NIEC-PDT608_1 Datasheet
245Kb / 4P
60A Avg 800 Volts
logo
National Instruments Co...
PDT608 NI-PDT608_15 Datasheet
245Kb / 4P
THYRISTOR
More results

Similar Description - PDT608

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com