Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT2018 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PDT2018
Description  Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PDT2018 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PDT2018 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PDT2018 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PDT2018 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PDT2018 Datasheet HTML 4Page - Kyocera Kinseki Corpotation PDT2018 Datasheet HTML 5Page - Kyocera Kinseki Corpotation PDT2018 Datasheet HTML 6Page - Kyocera Kinseki Corpotation PDT2018 Datasheet HTML 7Page - Kyocera Kinseki Corpotation PDT2018 Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
項 目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
PDT2018
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
800
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
900
V
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
900
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.Rated Value
単位
Unit
平均オン電流
Average On-State Current
Io (AV)
商用周波数180°通電
Tc =65℃
Half Sine Wave
200
A
実効オン電流
RMS On-State Current
IT(RMS)
314
A
サージオン電流
Surge On-State Current
ITSM
50Hz 正弦半波,1 サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
4000
A
電流二乗時間積
I Squared t
I2t
2~10ms
80000
A2s
臨界オン電流上昇率
Critical Rateof Rise of Turned-On Current
di/dt
VD=2/3 VDRM, ITM =2・Io, Tj=125℃
IG=300mA, diG/dt= 0.2A/μs
100
A/μs
ピークゲート電力損失
Peak Gate Power
PGM
5
W
平均ゲート電力損失
Average Gate Power
PG(AV)
1
W
ピークゲート電流
Peak Gate Current
IGM
2
A
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
動作接合温度範囲
OperatingJunction Temperature Range
Tjw
-40 ~ +125
℃
保存温度範囲
Storage Temperature Range
Tstg
-40 ~ +125
℃
絶縁耐圧
Isolation Voltage
Viso
端子-ベース間,AC1 分間
Terminal to Base, AC 1min.
2500
V
締付トルク
MountingTorque
ベース部
Mounting
F
サーマルコンパウンド塗布
Greased
M6
2.5 ~ 3.5
N・m
主端子部
Terminal
M6
2.5 ~ 3.5
N・m
THYRISTOR
200A Avg 800 Volts
PDT2018


Similar Part No. - PDT2018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT2018 NIEC-PDT2018 Datasheet
328Kb / 9P
THYRISTOR MODULE 200A / 800V
PDT2018 NIEC-PDT2018 Datasheet
380Kb / 3P
200A Avg 800 Volts
PDT2018 NIEC-PDT2018_1 Datasheet
380Kb / 3P
200A Avg 800 Volts
logo
National Instruments Co...
PDT2018 NI-PDT2018_15 Datasheet
380Kb / 3P
THYRISTOR
More results

Similar Description - PDT2018

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com