Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21458 Datasheet(PDF) 86 Page - Dallas Semiconductor

Part # DS21458
Description  Quad T1/E1/J1 Transceivers
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21458 Datasheet(HTML) 86 Page - Dallas Semiconductor

Back Button DS21458 Datasheet HTML 82Page - Dallas Semiconductor DS21458 Datasheet HTML 83Page - Dallas Semiconductor DS21458 Datasheet HTML 84Page - Dallas Semiconductor DS21458 Datasheet HTML 85Page - Dallas Semiconductor DS21458 Datasheet HTML 86Page - Dallas Semiconductor DS21458 Datasheet HTML 87Page - Dallas Semiconductor DS21458 Datasheet HTML 88Page - Dallas Semiconductor DS21458 Datasheet HTML 89Page - Dallas Semiconductor DS21458 Datasheet HTML 90Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 270 page
background image
DS21455/DS21458 Quad T1/E1/J1 Transceivers
86 of 270
15.1 Line Code Violation Count Register (LCVCR)
15.1.1 T1 Operation
T1 code violations are defined as bipolar violations (BPVs) or excessive zeros. If the B8ZS mode is set
for the receive side, then B8ZS codewords are not counted. This counter is always enabled; it is not
disabled during receive loss of synchronization (RLOS = 1) conditions.
Table 15-1. T1 LINE CODE VIOLATION COUNTING OPTIONS
COUNT EXCESSIVE
ZEROS?
(ERCNT.0)
B8ZS ENABLED?
(T1RCR2.5)
WHAT IS COUNTED IN THE LCVCRs
No
No
BPVs
Yes
No
BPVs + 16 Consecutive Zeros
No
Yes
BPVs (B8ZS Codewords Not Counted)
Yes
Yes
BPVs + 8 Consecutive Zeros
15.1.2 E1 Operation
Either bipolar violations or code violations can be counted. Bipolar violations are defined as consecutive
marks of the same polarity. In this mode, if the HDB3 mode is set for the receive side, then HDB3
codewords are not counted as BPVs. If ERCNT.3 is set, then the LVC counts code violations as defined
in ITU O.161. Code violations are defined as consecutive bipolar violations of the same polarity. In most
applications, the framer should be programmed to count BPVs when receiving AMI code and to count
CVs when receiving HDB3 code. This counter increments at all times and is not disabled by loss of sync
conditions. The counter saturates at 65,535 and will not rollover. The bit error rate on an E1 line would
have to be greater than 10** -2 before the VCR would saturate.
Table 15-2. E1 LINE CODE VIOLATION COUNTING OPTIONS
E1 CODE VIOLATION SELECT
(ERCNT.3)
WHAT IS COUNTED IN THE
LCVCRs
0
BPVs
1
CVs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com