Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21458 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS21458
Description  Quad T1/E1/J1 Transceivers
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21458 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS21458 Datasheet HTML 9Page - Dallas Semiconductor DS21458 Datasheet HTML 10Page - Dallas Semiconductor DS21458 Datasheet HTML 11Page - Dallas Semiconductor DS21458 Datasheet HTML 12Page - Dallas Semiconductor DS21458 Datasheet HTML 13Page - Dallas Semiconductor DS21458 Datasheet HTML 14Page - Dallas Semiconductor DS21458 Datasheet HTML 15Page - Dallas Semiconductor DS21458 Datasheet HTML 16Page - Dallas Semiconductor DS21458 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 270 page
background image
DS21455/DS21458 Quad T1/E1/J1 Transceivers
13 of 270
2.6 System Interface
§ Dual two-frame, independent receive and transmit elastic stores
- Independent control and clocking
- Controlled-slip capability with status
- Minimum-delay mode supported
§ Supports T1 to E1 conversion
§ Ability to pass the T1 F-bit position through the elastic stores in the 2.048MHz backplane mode
§ Programmable output clocks for fractional T1, E1, H0, and H12 applications
§ Interleaving PCM bus operation with rates of 4.096MHz, 8.192MHz, and 16.384MHz
§ Hardware-signaling capability
- Receive-signaling reinsertion to a backplane, multiframe sync
- Availability of signaling in a separate PCM data stream
- Signaling freezing
§ Access to the data streams in between the framer/formatter and the elastic stores (DS21455)
§ User-selectable synthesized clock output
2.7 HDLC Controllers
§ Two independent HDLC controllers
§ Fast load and unload features for FIFOs
§ SS7 support for FISU transmit and receive
§ Independent 128-byte Rx and Tx buffers with interrupt support
§ Access FDL, Sa, or single/multiple DS0 channels
§ DS0 access includes Nx64 or Nx56
§ Compatible with polled or interrupt-driven environments
§
Bit Oriented Code (BOC) support
2.8 Test and Diagnostics
§ Programmable Bit Error Rate Testing (BERT)
§ Pseudorandom patterns including QRSS
§ User-defined repetitive patterns
§ Daly pattern
§ Error insertion for single bit or continuous
§ Insertion options include continuous and absolute number with selectable insertion rates
§ Total-bit and errored-bit counters
§ Payload Error Insertion
§ Errors can be inserted over the entire frame or selected channels
§ F-bit corruption for line testing
§
Loopbacks (remote, local, analog, and per-channel payload loopback)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com