Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO2HV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # VCXO2HV
Description  High Frequency VCXO with Military Temperature Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

VCXO2HV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  VCXO2HV Datasheet HTML 1Page - Golledge Electronics Ltd VCXO2HV Datasheet HTML 2Page - Golledge Electronics Ltd VCXO2HV Datasheet HTML 3Page - Golledge Electronics Ltd VCXO2HV Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VCXO2HV 1/4
v1.0
VCXO2HV
VCXO2HV
High Frequency VCXO with Military
High Frequency VCXO with Military
Temperature Range
Temperature Range
Military temperature range -55+125°C
Low noise - fundamental crystal
High shock & vibration resistance
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Absolute pulling range (max)
see note below
Any
±130ppm over -40 to +85°C
B
±110ppm over -55 to +125°C
C
Terminations
Gold plated pads
Tinned Ag/Cu/Zn/
T
APR is inclusive of calibration @ 25°C, operating temperature range, supply voltage change, load change and
ageing (1 year)
*
*


Similar Part No. - VCXO2HV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
VCXO2H MICROCRYSTAL-VCXO2H Datasheet
337Kb / 2P
family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
More results

Similar Description - VCXO2HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FVO11AAH3 ETC2-FVO11AAH3 Datasheet
193Kb / 1P
HIGH FREQUENCY VCXO
logo
Connor-Winfield Corpora...
HV41-100 CONNOR-WINFIELD-HV41-100 Datasheet
91Kb / 2P
HIGH FREQUENCY VCXO
HVT54-100 CONNOR-WINFIELD-HVT54-100 Datasheet
109Kb / 2P
HIGH FREQUENCY VCXO WITH TRI-STATE
HVT51-100 CONNOR-WINFIELD-HVT51-100 Datasheet
109Kb / 2P
HIGH FREQUENCY VCXO WITH TRI-STATE
HVT54I-100 CONNOR-WINFIELD-HVT54I-100 Datasheet
112Kb / 2P
HIGH FREQUENCY VCXO WITH TRI-STATE
logo
Golledge Electronics Lt...
CM7V-T1A GOLLEDGE-CM7V-T1A Datasheet
558Kb / 4P
SM 32.768kHz Watch Crystal with Military Temperature Range
CC7V-T1A GOLLEDGE-CC7V-T1A Datasheet
552Kb / 4P
SM 32.768Khz Watch Crystal with Military Temperature Range
CM7V03-T1A GOLLEDGE-CM7V03-T1A Datasheet
557Kb / 5P
Low Profile SM 32.768Khz Watch Crystal with Military Temperature Range
MCSO1 GOLLEDGE-MCSO1_18 Datasheet
569Kb / 4P
5.0V CMOS Oscillator with Military - 55125째C Temperature Range
GVXO-38N GOLLEDGE-GVXO-38N Datasheet
577Kb / 5P
VCXO - Complementary ECL output voltage controlled oscillator with ultra high frequency range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com