Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # VCXO
Description  3.3V Complementary LVDS VCXO here
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

VCXO Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  VCXO Datasheet HTML 1Page - Golledge Electronics Ltd VCXO Datasheet HTML 2Page - Golledge Electronics Ltd VCXO Datasheet HTML 3Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Custom VCXO 2/3
v1.0
Frequencies From 1.0 to 800MHz currently available
High frequency fundamental mode available
Miniature
packages
As small as 3.2 x 2.5 x 1.1mm currently
available
Wide
pullability
options
Frequency pullability upwards of ±150ppm
available
Output
Types
Complementary ECL, complementary PECL,
LVDS and CMOS output types available
To request a quotation please use the configurable options
form to indicate your requirements, and then submit your
request to our team. Our expert advisers are always happy to
help and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Once we've received your request our expert team will then
produce a quotation tailored to meet your needs using the
option codes you've selected.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
SPECIFICATIONS
ORDERING INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com