Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO Datasheet (PDF) - Golledge Electronics Ltd

VCXO Datasheet PDF - Golledge Electronics Ltd
Part # VCXO
Download  VCXO Download
File Size   518.7 Kbytes
Page   3 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V Complementary LVDS VCXO here

VCXO Datasheet (PDF)

Go To PDF Page Download Datasheet
VCXO Datasheet PDF - Golledge Electronics Ltd

Part # VCXO
Download  VCXO Click to download

File Size   518.7 Kbytes
Page   3 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3V Complementary LVDS VCXO here

VCXO Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - VCXO

ManufacturerPart #DatasheetDescription
logo
TEMEX
VCXO TEMEX-VCXO Datasheet
523Kb / 5P
Space VCXO - Voltage Controlled Crystal Oscillator Flat Pack, General Specification (rev1)
logo
STATEK CORPORATION
VCXO STATEK-VCXO Datasheet
257Kb / 2P
Miniature Surface Mount Voltage-Controlled Crystal Oscillator
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
VCXO
logo
Vectron International, ...
VCXO-2000-AEA-G VECTRON-VCXO-2000-AEA-G Datasheet
272Kb / 4P
Voltage Controlled Crystal Oscillator
More results


Similar Description - VCXO

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO54 GOLLEDGE-GVXO54 Datasheet
62Kb / 1P
3.3V VCXO Complementary LV-PECL
logo
Fox Electronics
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
LVDS 7 x 5mm 3.3V VCXO
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
LVDS 5 x 3.2mm 3.3V VCXO
logo
EUROQUARTZ limited
EQVP-LC53 EUROQUARTZ-EQVP-LC53 Datasheet
165Kb / 1P
LVDS 5x3.2mm 3.3V VCXO
EQVP-LC73 EUROQUARTZ-EQVP-LC73 Datasheet
166Kb / 1P
LVDS 7x5mm 3.3V VCXO
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
3.3V & 5V VCXO - Complementary PECL
GVXO-54 GOLLEDGE-GVXO-54_16 Datasheet
183Kb / 2P
3.3V VCXO Complementary LV-PECL
logo
Pericom Semiconductor C...
LR-3.3V PERICOM-LR-3.3V Datasheet
273Kb / 4P
3.3V LVDS High Frequency VCXO
logo
Golledge Electronics Lt...
GVXO-34L GOLLEDGE-GVXO-34L Datasheet
572Kb / 4P
3.3V VCXO - Complementary LV-PECL Output
GVXO-L33L GOLLEDGE-GVXO-L33L Datasheet
597Kb / 5P
3.3V Complementary LVDS VCXO with Low Phase Jitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com