Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PMELF Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PMELF
Description  High Power PIN Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PMELF Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4PMELF Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High Power PIN Diodes
V16
MA4P MELF & HIPAX Series
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 High Power Handling
 Low Loss / Low Distortion
 Voltage Ratings up to 1000 Volts
 Passivated Chip for Low Leakage Current
 Low Theta (θ) Due to Full Face Chip Bonding
 Leadless Low Inductance MELF Packages
 Various Package Options
 Available as Chips
 Fully RoHS Compliant
 Non-Magnetic Packages Available for MRI
Description
The MELF and HIPAX PIN diode series are
designed for usage in switch and attenuator
applications requiring high power handling and low
distortion.
These
diodes
incorporate
a
fully
passivated PIN diode chip resulting in an extremely
low
reverse
bias
leakage
current.
The
semiconductor technology utilized in the MELF and
HIPAX families draws on MACOM ’s substantial
experience in PIN diode design and wafer
fabrication. The result is a device which has a thick
I-region and long carrier lifetime while maintaining
low series resistance and capacitance values. The
chips of the MELF and HIPAX PIN diodes are
enclosed in a rugged ceramic package and is full
face bonded to metal pins on both the anode and
cathode. The result is a low loss PIN diode with low
thermal resistance due to symmetrical thermal
paths. The parts are offered in either magnetic or
non-magnetic, HIPAX (axial leaded) or MELF (Metal
Electrode Leadless Faced) surface mount packages
for MRI applications. The MELF is a rectangular
SMQ, package which is designed for high volume
tape and reel assembly. This easy to use package
design makes automatic pick and place, indexing
and assembly, extremely easy. The parallel flat sur-
faces are suitable for most key jaw or vacuum pick-
up techniques. All of the solderable surfaces are tin
plated and compatible with industry standard reflow
and vapor phase soldering processes. See Applica-
tion Note M538 for a typical solder reflow profile.
Many of MACOM’s HIPAX PIN diodes are also
available as chips. Please consult the “Silicon PIN
Chip Datasheet” for availability and specifications.
Absolute Maximum Ratings
TA = +25°C (Unless Otherwise Noted)1
1.Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
DC Reverse Voltage (VR)
(See Tables)
Operating Chip Junction
Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
Installation Temperature
+280°C for 30 Seconds
ESD
Class 1A, HBM
Package Styles
Applications
HIPAX PIN diodes are designed for use in a wide
variety of switch and attenuator applications from
HF through UHF frequencies and at power levels
above 1 kW, CW. The internal chip as well as each
diode assembly has been comprehensively tested
and characterized to ensure predictable and
repeatable performance.
Design Recommendations
 Low Distortion Attenuators
MA4P4301B
 Surface Mount Switches
MA4P7101F
 Cellular Radio Antenna Switches
MA4P1200, MA4P1250
1072 & 1091
Notes
401 & 402


Similar Part No. - MA4PMELF

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P MA-COM-MA4P Datasheet
2Mb / 13P
High Power PIN Diodes
MA4P102 MA-COM-MA4P102 Datasheet
241Kb / 10P
PIN Diodes for Microwave Switch Designs
logo
Tyco Electronics
MA4P102-134 MACOM-MA4P102-134 Datasheet
506Kb / 5P
PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P1200-401T ETC-MA4P1200-401T Datasheet
1Mb / 12P
High Power PIN Diodes
More results

Similar Description - MA4PMELF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM4000 MICROSEMI-UM4000_05 Datasheet
931Kb / 12P
HIGH POWER PIN DIODES
UM7000 MICROSEMI-UM7000_05 Datasheet
310Kb / 11P
HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
High Power PIN Diodes
logo
Microsemi Corporation
UM4000 MICROSEMI-UM4000_09 Datasheet
505Kb / 6P
HIGH POWER PIN DIODES
UM7000 MICROSEMI-UM7000_09 Datasheet
335Kb / 7P
HIGH POWER PIN DIODES
logo
Skyworks Solutions Inc.
SMP1324-087LF SKYWORKS-SMP1324-087LF Datasheet
1Mb / 12P
High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P7006F-1072T ETC-MA4P7006F-1072T Datasheet
1Mb / 12P
High Power PIN Diodes
logo
M/A-COM Technology Solu...
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES Datasheet
1Mb / 12P
High Power PIN Diodes
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P MA-COM-MA4P Datasheet
2Mb / 13P
High Power PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com