Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PMELF Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PMELF
Description  High Power PIN Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PMELF Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4PMELF Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4PMELF Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High Power PIN Diodes
V16
MA4P MELF & HIPAX Series
3
3
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves @ TA = +25°C
MA4P1200 Series
Series Resistance @ 100 MHz vs. Forward Current
Capacitance vs. Frequency & Reverse Bias
Frequency
Parallel Resistance vs. Frequency & Reverse Bias
Heatsink Temperature vs. Max. Power Dissipation
°C
Heatsink Temperature
pF
MHz
Ω
Frequency
MHz
Ω
Forward Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com