Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1073 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1073
Description  EZBuck 3A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1073 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1073 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AOZ1073
Rev. 1.1 September 2008
www.aosmd.com
Page 2 of 15
Ordering Information
• All AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
• Parts marked as Green Products (with “L” suffix) use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1073AIL
-40°C to +85°C
SO-8
Green (Halogen Free)
LX
LX
EN
COMP
1
2
3
4
PGND
VIN
AGND
FB
SO-8
(Top View)
8
7
6
5
Pin Number
Pin Name
Pin Function
1
PGND
Power ground. Electrically needs to be connected to AGND.
2VIN
Supply voltage input. When VIN rises above the UVLO threshold the device starts up.
3AGND
Reference connection for controller section. Also used as thermal connection for controller section.
Electrically needs to be connected to PGND.
4FB
The FB pin is used to determine the output voltage via a resistor divider between the output and
GND.
5
COMP
External loop compensation pin.
6EN
The enable pin is active HIGH. Connect it to VIN if not used and do not leave it open.
7, 8
LX
PWM outputs connection to inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com