Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1073 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1073 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1073
Download  AOZ1073 Download
File Size   462.9 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck 3A Synchronous Buck Regulator

AOZ1073 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1073 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1073
Download  AOZ1073 Click to download

File Size   462.9 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck 3A Synchronous Buck Regulator

AOZ1073 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1073 Product details

General Description
The AOZ1073 is a synchronous high efficiency, simple to use, 3A buck regulator. The AOZ1073 works from a 4.5V to 16V input voltage range, and provides up to 3A of continuous output current with an output voltage adjustable down to 0.8V.
The AOZ1073 comes in an SO-8 packages and is rated over a -40°C to +85°C ambient temperature range.

Features
● 4.5V to 16V operating input voltage range
● Synchronous rectification: 85mΩ internal high-side switch and 30mΩ Internal low-side switch
● High efficiency: up to 95%
● Internal soft start
● Output voltage adjustable to 0.8V
● 3A continuous output current
● Fixed 500kHz PWM operation
● Cycle-by-cycle current limit
● Pre-bias start-up
● Short-circuit protection
● Thermal shutdown
● Output over voltage protection
● Small size SO-8 package

Applications
● Point of load DC/DC conversion
● PCIe graphics cards
● Set top boxes
● DVD drives and HDD
● LCD panels
● Cable modems
● Telecom/networking/datacom equipment




Similar Part No. - AOZ1073

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
More results


Similar Description - AOZ1073

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
3A EZBuck??Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com