Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1033AI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1033AI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1033AI
Download  AOZ1033AI Download
File Size   908.48 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??3A Synchronous Buck Regulator

AOZ1033AI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1033AI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1033AI
Download  AOZ1033AI Click to download

File Size   908.48 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??3A Synchronous Buck Regulator

AOZ1033AI Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1033AI Product details

General Description

The AOZ1033A is a high efficiency, easy to use, 3A synchronous buck regulator. The AOZ1033A works from 4.5V to 18V input voltage range, and provides up to 3A of continuous output current with an output voltage adjust able down to 0.8V.

The AOZ1033A comes in a SO-8 package and is rated over a -40°C to +85°C operating ambient temperature range.



Features

4.5V to 18V operating input voltage range

Synchronous Buck: 80mΩ internal high-side switch and 30mΩ internal low-side switch with integrated schottky diode

High efficiency: up to 95%

Internal soft start

Output voltage adjustable to 0.8V

3A continuous output current

Fixed 600kHz PWM operation

Pulse skipping at light load for high efficiency over entire load range

Cycle-by-cycle current limit

Pre-bias start-up

Short-circuit protection

Thermal shutdown

SO-8 package


 



Applications

Point of load DC/DC converters

LCD TV

Set top boxes

DVD/Blu-ray players/recorders

Cable modems

PCIe graphics cards

Telecom/Networking/Datacom equipment




Similar Part No. - AOZ1033AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1031 AOSMD-AOZ1031 Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
EZBuck??4A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
More results


Similar Description - AOZ1033AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
EZBuck??3A Simple Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
3A EZBuck??Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
EZBuck 3A Synchronous Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com