Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1033AI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1033AI
Description  EZBuck??3A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1033AI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1033AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1033AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Rev. 1.1 October 2010
www.aosmd.com
Page 2 of 15
AOZ1033AI
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1033AI
-40°C to +85°C
SO-8
RoHS Compliant
Green Product
Pin Number
Pin Name
Pin Function
1
PGND
Power ground. PGND needs to be electrically connected to AGND.
2
VIN
Supply voltage input. When VIN rises above the UVLO threshold and EN is logic high, the
device starts up.
3
AGND
Analog ground. AGND is the reference point for controller section. AGND needs to be
electrically connected to PGND.
4
FB
Feedback input. The FB pin is used to set the output voltage via a resistive voltage divider
between the output and AGND.
5
COMP
External loop compensation pin. Connect a RC network between COMP and AGND to
compensate the control loop.
6
EN
Enable pin. Pull EN to logic high to enable the device. Pull EN to logic low to disable the
device. Do not leave it open.
7, 8
LX
Switching node. PWM output connection to inductor.
LX
LX
EN
COMP
1
2
3
4
PGND
VIN
AGND
FB
SO-8
(Top View)
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com