Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1034 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1034 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1034
Download  AOZ1034 Download
File Size   703.75 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??4A Synchronous Buck Regulator

AOZ1034 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1034 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1034
Download  AOZ1034 Click to download

File Size   703.75 Kbytes
Page   18 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??4A Synchronous Buck Regulator

AOZ1034 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1034 Product details

General Description

The AOZ1034 is a synchronous high efficiency, simple to use, 4A buck regulator. The AOZ1034 works from a 4.5V to 18V input voltage range, and provides up to 4A of continuous output current with an output voltage adjustable down to 0.8V. The AOZ1034 comes in both a 5x4 DFN-8 and an exposed pad SO-8 package and is rated over a -40°C to +85°C ambient temperature range.



Features

• 4.5V to 18V operating input voltage range

• Synchronous rectification: 60mΩinternal high-side switch and 20mΩInternal low-side switch

• High efficiency: up to 95%

• Internal soft start

• Output voltage adjustable to 0.8V

• 4A continuous output current

• Fixed 500kHz PWM operation

• Cycle-by-cycle current limit

• Pre-bias start-up

• Short-circuit protection

• Thermal shutdown

• Thermally enhanced 5x4 DFN-8 and exposed pad SO-8 packages




Similar Part No. - AOZ1034

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1031 AOSMD-AOZ1031 Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
More results


Similar Description - AOZ1034

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
EZBuck??4A Synchronous Buck Regulator
AOZ1284PI AOSMD-AOZ1284PI Datasheet
494Kb / 14P
EZBuck??4A Simple Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
EZBuck??4A Synchronous Buck Regulator
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
4A Synchronous EZBuck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
3A EZBuck??Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
4A EZBuck??Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
EZBuck 3A Synchronous Buck Regulator
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
EZBuck 6A Synchronous Buck Regulator
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com