Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-16IO8B Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC56-16IO8B
Description  Phase leg
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC56-16IO8B Datasheet(HTML) 1 Page - IXYS Corporation

  MCC56-16IO8B Datasheet HTML 1Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 2Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 3Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 4Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 5Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCC56-16io8B
Phase leg
Thyristor Module
3
1
2
6
5
Part number
MCC56-16io8B
Backside: isolated
TAV
T
V
V
1.24
RRM
60
1600
=
V
=
V
I
=
A
2x
Features / Advantages:
Applications:
Package:
●
Thyristor for line frequency
●
Planar passivated chip
●
Long-term stability
●
Direct Copper Bonded Al2O3-ceramic
●
Line rectifying 50/60 Hz
●
Softstart AC motor control
●
DC Motor control
●
Power converter
●
AC power control
●
Lighting and temperature control
TO-240AA
●
Industry standard outline
●
RoHS compliant
●
Soldering pins for PCB mounting
●
Base plate: DCB ceramic
●
Reduced weight
●
Advanced power cycling
●
Isolation Voltage:
V~
3600
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact your local sales office.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact your local sales office.
Should you intend to use the product in aviation, in health or life endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms Conditions of usage:
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved


Similar Part No. - MCC56-16IO8B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC56-16IO8B IXYS-MCC56-16IO8B Datasheet
159Kb / 4P
Thyristor Modules /Diode Modules
MCC56-16IO8B IXYS-MCC56-16IO8B Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results

Similar Description - MCC56-16IO8B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC132-14IO1 IXYS-MCC132-14IO1 Datasheet
212Kb / 6P
Phase leg
MCC310-14IO1 IXYS-MCC310-14IO1 Datasheet
190Kb / 6P
Phase leg
MCC26-16IO8B IXYS-MCC26-16IO8B Datasheet
669Kb / 6P
Phase leg
MCC72-16IO1B IXYS-MCC72-16IO1B Datasheet
645Kb / 6P
Phase leg
MCC72-18IO8B IXYS-MCC72-18IO8B Datasheet
445Kb / 6P
Phase leg
MCC95-18IO8B IXYS-MCC95-18IO8B Datasheet
306Kb / 6P
Phase leg
MCC255-16IO1 IXYS-MCC255-16IO1 Datasheet
345Kb / 6P
Phase leg
MCC310-16IO1 IXYS-MCC310-16IO1 Datasheet
190Kb / 6P
Phase leg
MCC162-16IO1 IXYS-MCC162-16IO1 Datasheet
210Kb / 6P
Phase leg
DMA30P1600HR IXYS-DMA30P1600HR Datasheet
407Kb / 5P
Phase leg
2019.11.29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com