Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-16IO8B Datasheet(PDF) 5 Page - IXYS Corporation

Part # MCC56-16IO8B
Description  Phase leg
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC56-16IO8B Datasheet(HTML) 5 Page - IXYS Corporation

  MCC56-16IO8B Datasheet HTML 1Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 2Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 3Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 4Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 5Page - IXYS Corporation MCC56-16IO8B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCC56-16io8B
I
TSM
I
FSM
[A]
t [s]
Fig. 1 Surge overload current
I
TSM, IFSM: Crest value, t: duration
t [ms]
I2t
[A2s]
Fig. 2 I2t versus time (1-10 ms)
Fig. 3 Maximum forward current
at case temperature
I
TAVM
[A]
T
C [°C]
1500
1000
500
0
10-3
10-2
10-1
100
101
T
VJ = 45°C
T
VJ = 125°C
50 Hz, 80% V
RRM
V
R = 0 V
105
103
1
2
3
6
8
10
T
VJ = 45°C
T
VJ = 125°C
104
120
80
60
40
20
0
0
50
100
150
DC
180° sin
120°
60°
30°
100
Fig. 4 Power dissipation vs. onstate current and ambient temperature (per thyristor/diode)
DC
180° sin
120°
60°
30°
0
50
100
150
T
A [°C]
I
TAVM, IFAVM [A]
0
20
40
60
80
150
100
50
0
P
T
[W]
R
thJA
[K/W]
0.8
1
1.2
1.5
2
2.5
3
4
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current
and ambient temperature
R
thKA
[K/W]
0.1
0.15
0.2
0.25
0.3
0.4
0.5
0.6
0
50
100
150
T
A [°C]
I
dAVM [A]
0
50
100
P
tot
[W]
100
0
200
300
400
600
Circuit
B6
3x MCC56 or
3x MCD56
500
150
I
G [mA]
V
G
[V]
Fig. 5 Gate trigger charact.
100
101
102
103
104
0.1
1
10
1: IGT, TVJ = 125°C
2: I
GT, TVJ = 25°C
3: I
GT, TVJ = -40°C
4: P
GAV = 0.5 W
5: P
GM =
5 W
6: P
GM = 10 W
I
GD, TVJ = 125°C
3
4
2
1
5
6
10
100
1000
1
10
100
1000
Limit
typ.
TVJ = 25°C
I
G [mA]
t
gd
[µs]
Fig. 7 Gate trigger delay time
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com