Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1007HSR5 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF1007HSR5
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007HSR5 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF1007HSR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 9Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 10Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MMRF1007HR5 MMRF1007HSR5
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
23
1
0
100
17
70
60
50
40
30
Pout, OUTPUT POWER (WATTS) PEAK
Figure 10. Power Gain and Drain Efficiency
versus Output Power
D
16
1000
10000
25_C
TC =--30_C
85_C
20
18
Gps
19
20
21
10
10
VDD =50 Vdc
IDQ = 150 mA
f = 1030 MHz
Pulse Width = 128 sec
Duty Cycle = 10%
22
250
109
90
TJ, JUNCTION TEMPERATURE (C)
Figure 11. MTTF versus Junction Temperature --
128 sec, 10% Duty Cycle
This above graph displays calculated MTTF in hours when the device
is operated at VDD =50 Vdc,Pout = 1000 W Peak, Pulse Width = 128 sec,
Duty Cycle = 10%, and D = 56%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
107
106
104
110
130
150
170
190
210
230
105
108
250
109
90
TJ, JUNCTION TEMPERATURE (C)
Figure 12. MTTF versus Junction Temperature --
Mode--S
This above graph displays calculated MTTF in hours when the device
is operated at VDD =50 Vdc,Pout = 1000 W Peak, Mode--S Pulse Train,
Pulse Width = 32 sec, Duty Cycle = 6.4%, and D = 59%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
107
106
104
110
130
150
170
190
210
230
105
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com