Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1007HSR5 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1007HSR5
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007HSR5 Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1007HSR5 Datasheet HTML 1Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 2Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1007HSR5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MMRF1007HR5 MMRF1007HSR5
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
RF power transistors designed for applications operating at frequencies
from 900 to 1215 MHz. These devices are suitable for use in defense and
commercial pulse applications, such as IFF and DME.
 Typical Pulse Performance: VDD =50 Vdc,IDQ = 150 mA, Pout =
1000 W Peak (100 W Avg.), f = 1030 MHz, Pulse Width = 128 sec, Duty
Cycle = 10%
Power Gain — 20 dB
Drain Efficiency — 56%
 Capable of Handling 5:1 VSWR, @ 50 Vdc, 1030 MHz, 1000 W Peak Power
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 Internally Matched for Ease of Use
 Qualified Up to a Maximum of 50 VDD Operation
 Integrated ESD Protection
 Designed for Push--Pull Operation
 Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
 In Tape and Reel. R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +110
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1)
TJ
225
C
1. Continuous use at maximum temperature will affect MTTF.
Document Number: MMRF1007H
Rev. 0, 12/2013
Freescale Semiconductor
Technical Data
965--1215 MHz, 1000 W, 50 V
LATERAL N--CHANNEL
BROADBAND
RF POWER MOSFETs
MMRF1007HR5
MMRF1007HSR5
NI--1230H--4S
MMRF1007HR5
PARTS ARE PUSH--PULL
NI--1230S--4S
MMRF1007HSR5
(Top View)
RFoutA/VDSA
31
42 RFoutB/VDSB
RFinA/VGSA
RFinB/VGSB
Figure 1. Pin Connections
 Freescale Semiconductor, Inc., 2013. All rights reserved.


Similar Part No. - MMRF1007HSR5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1004GNR1 NXP-MMRF1004GNR1 Datasheet
965Kb / 27P
RF Power Field Effect Transistors
Rev. 1, 1/2014
MMRF1004N NXP-MMRF1004N Datasheet
965Kb / 27P
RF Power Field Effect Transistors
Rev. 1, 1/2014
MMRF1004NR1 NXP-MMRF1004NR1 Datasheet
965Kb / 27P
RF Power Field Effect Transistors
Rev. 1, 1/2014
MMRF1005H NXP-MMRF1005H Datasheet
818Kb / 15P
RF Power Field Effect Transistors
Rev. 1, 4/2015
MMRF1005HR5 NXP-MMRF1005HR5 Datasheet
818Kb / 15P
RF Power Field Effect Transistors
Rev. 1, 4/2015
More results

Similar Description - MMRF1007HSR5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com