Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD331 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD331
Description  5V OCXO with CMOS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD331 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD331 Datasheet HTML 1Page - Golledge Electronics Ltd HCD331 Datasheet HTML 2Page - Golledge Electronics Ltd HCD331 Datasheet HTML 3Page - Golledge Electronics Ltd HCD331 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCD331 1/4
v1.0
HCD331
HCD331
5V OCXO with CMOS Output
5V OCXO with CMOS Output
Temperature stability down to 20ppb
Single 5V oven & oscillator supply
Low height compact package
Standard European IEC CO-08 pin-out
Custom options available
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Ageing per day (at despatch)
Any
< ±1x10
A
< ±5x10
B
< ±3x10
C
Temperature stability
Any
< ±1x10
M
< ±5x10
N
< ±2x10
P
Operating temperature range
Any
0 to +50°C
A
-20 to +60°C
D
-20 to +70°C
F
Supply voltage (V )
+5.0V (±0.25V)
L
-8
-9
-9
-7
-8
-8
DD


Similar Part No. - HCD331

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD331 GOLLEDGE-HCD331 Datasheet
60Kb / 1P
5V OCXO HCMOS Low Profile
HCD331/BNDL GOLLEDGE-HCD331/BNDL Datasheet
60Kb / 1P
5V OCXO HCMOS Low Profile
HCD331/BNDL GOLLEDGE-HCD331/BNDL Datasheet
134Kb / 1P
5V OCXO HCMOS Low Profile
HCD331/CMAL GOLLEDGE-HCD331/CMAL Datasheet
60Kb / 1P
5V OCXO HCMOS Low Profile
HCD331/CMAL GOLLEDGE-HCD331/CMAL Datasheet
134Kb / 1P
5V OCXO HCMOS Low Profile
More results

Similar Description - HCD331

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD350 GOLLEDGE-HCD350 Datasheet
134Kb / 1P
5V OCXO Sine Output
MCOCXOV GOLLEDGE-MCOCXOV_15 Datasheet
150Kb / 2P
5V OCXO CMOS Output
MCOCXOVS GOLLEDGE-MCOCXOVS_15 Datasheet
155Kb / 2P
5V OCXO Sine Output
HCD301 GOLLEDGE-HCD301_18 Datasheet
553Kb / 4P
5V Low Profile OCXO with CMOS/TTL Output
HCD351 GOLLEDGE-HCD351_18 Datasheet
556Kb / 4P
5V Tight Stability OCXO with CMOS/TTL Output
SCOCXOVT GOLLEDGE-SCOCXOVT_18 Datasheet
556Kb / 5P
5V Tight Stability OCXO with CMOS Output
SCOCXOLV GOLLEDGE-SCOCXOLV Datasheet
558Kb / 5P
5V OCXO with CMOS Output and Fast Warm Up
MCOCXOVS GOLLEDGE-MCOCXOVS_18 Datasheet
556Kb / 5P
5V OCXO with Sine Output
MCOCXOW GOLLEDGE-MCOCXOW_18 Datasheet
556Kb / 5P
3.3V OCXO with CMOS Output
MCOCXOV GOLLEDGE-MCOCXOV_18 Datasheet
557Kb / 5P
5V OCXO with Fast Warm Up and CMOS Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com