Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD331 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # HCD331
Description  5V OCXO with CMOS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD331 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  HCD331 Datasheet HTML 1Page - Golledge Electronics Ltd HCD331 Datasheet HTML 2Page - Golledge Electronics Ltd HCD331 Datasheet HTML 3Page - Golledge Electronics Ltd HCD331 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCD331 2/4
v1.0
Frequency range
13.0 ~ 20.0MHz
Dimensions
36.1 x 27.2 x 15.0mm
Frequency stability
< ±3x10 per year
< ±5x10 per 10% change in V
Storage temperature
range
-40 to +90°C
Output waveform
50pF CMOS, 45:55 duty
Frequency
adjustment
±1x10 (typ) over +0.5 to +4.0V
(sufficient for 15 years ageing min)
Stabilised +4.0V supply provided
Power consumption 4.5W max at switch on
1.0W typ when stabilised at 25°C
Warm up
< ±5x10 after 10mins at +25°C
Phase noise (@
10.0MHz)
< -100dBc/Hz @ 10Hz
< -120dBc/Hz @ 100Hz
< -135dBc/Hz @ 1kHz
< -150dBc/Hz @ 10kHz
< -150dBc/Hz @ 50kHz
Shock (IEC 68-2-27
Test Ea)
50g for 11ms
Vibration (IEC 68-2-
06 Test Fc)
10-55Hz, 1.5mm. 55-500Hz, 10g
To request a quotation for the HCD331 please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
SPECIFICATIONS
-7
-8
DD
-5
-8
PACKAGE DRAWING
ORDERING INFORMATION
HANDLING & STORAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com