Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3234 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST4G3234
Description  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3234 Datasheet(HTML) 3 Page - STMicroelectronics

  ST4G3234 Datasheet HTML 1Page - STMicroelectronics ST4G3234 Datasheet HTML 2Page - STMicroelectronics ST4G3234 Datasheet HTML 3Page - STMicroelectronics ST4G3234 Datasheet HTML 4Page - STMicroelectronics ST4G3234 Datasheet HTML 5Page - STMicroelectronics ST4G3234 Datasheet HTML 6Page - STMicroelectronics ST4G3234 Datasheet HTML 7Page - STMicroelectronics ST4G3234 Datasheet HTML 8Page - STMicroelectronics ST4G3234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST4G3234
3/11
Table 3: Truth Table
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those value beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VI from 0.8V to 2.0V at VCC = 3.0V
INPUTS Bn (VCCB Referred)
OUTPUTS Bn (VCCA Referred)
LL
HH
Symbol
Parameter
Value
Unit
VCCA
Output Supply Voltage
-0.5 to +4.6
V
VCCB
Input Supply Voltage
-0.5 to +4.6
V
VOA
DC Output Voltage (Power Down Mode: VCCA=VCCB=Gnd)
-0.5 to +4.6
V
VIB
DC Input Voltage (Power Down Mode: VCCA=VCCB=Gnd)
-0.5 to +4.6
V
VOA
DC Output Voltage
-0.5 to VCCA + 0.5
V
VIB
DC Input Voltage
-0.5 to +4.6
V
IIK
DC Input Diode Current
− 20
mA
IOK
DC Output Diode Current
− 50
mA
IOA
DC Output Current
± 50
mA
ICCA
DC VCCA or Ground Current
± 100
mA
ICCB
DC VCCB or Ground Current
± 100
mA
Pd
Power Dissipation
400
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
1.4 to 3.6
V
VCCB
Supply Voltage
1.4 to 3.6
V
VIB
Input Voltage (Bn)
0 to VCCB
V
VOA
Output Voltage (An)
0 to VCCA
V
Top
Operating Temperature
-40 to 85
°C
dt/dv
Input Rise and Fall Time (note 1)
VCCB = 3.0 to 3.6V
0 to 10
ns/V
VCCB = 2.3 to 2.7V
0 to 20
ns/V
VCCB = 1.4 to 1.95V
0 to 100
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com