Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4G3234 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST4G3234
Description  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3234 Datasheet(HTML) 1 Page - STMicroelectronics

  ST4G3234 Datasheet HTML 1Page - STMicroelectronics ST4G3234 Datasheet HTML 2Page - STMicroelectronics ST4G3234 Datasheet HTML 3Page - STMicroelectronics ST4G3234 Datasheet HTML 4Page - STMicroelectronics ST4G3234 Datasheet HTML 5Page - STMicroelectronics ST4G3234 Datasheet HTML 6Page - STMicroelectronics ST4G3234 Datasheet HTML 7Page - STMicroelectronics ST4G3234 Datasheet HTML 8Page - STMicroelectronics ST4G3234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2005
I
HIGH SPEED: tPD = 4.4ns (MAX.) at TA=85°C
VCCB = 1.65V; VCCA = 3.0V
I
LOW POWER DISSIPATION:
ICCA = ICCB = 5µA(MAX.) at TA=85°C
I
SYMMETRICAL OUTPUT IMPEDANCE:
|IOHA| = IOLA = 10mA MIN at
VCCA = 3.0V; VCCB = 1.4V to 3.6V
|IOHA| = IOLA = 8mA MIN at
VCCA = 2.3V; VCCB = 1.4 to 3.6V)
I
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
I
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
I
26
ΩSERIESRESISTOR ON ASIDEOUTPUTS
I
OPERATING VOLTAGE RANGE:
VCCA(OPR) = 1.4V to 3.6V (1.2V Data Retent)
VCCB(OPR) = 1.4V to 3.6V (1.2V Data Retent)
I
MAX DATA RATES:
380 Mbps (1.8V to 3.3V translation)
260 Mbps (<1.8V to 3.3V translation)
260 Mbps (Translate to 2.5V)
210 Mbps (Translate to 1.5V)
100 Mbps (Translate to 1.2V)
I
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
I
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
I
ROHS Compliant for FLIPCHIP Package
DESCRIPTION
The ST4G3234 is a dual supply low voltage
CMOS 4-BIT BUS BUFFER level translator
fabricated
with
sub-micron silicon gate and
five-layer
metal
wiring
C2MOS
technology.
Designed for use as an interface between a 3.3V
bus and a 2.5V or 1.8V bus in a mixed 3.3V/1.8V,
3.3V/2.5V,
1.8V/1.4V
and
2.5V/1.8V
supply
systems, it achieves high speed operation while
maintaining the CMOS low power dissipation.
This IC is intended for one-way asynchronous
communication between data buses. The input
and output power down protections disable the
device when both power supply are down, so that
the buses are effectively isolated.
The input tolerant buffers allow to translate VCCB
compatible signals and greater signals than VCCB
up/down to VCCA.
All inputs are equipped with protection circuits
against static discharge, giving them ESD immuni-
ty and transient excess voltage.
ST4G3234
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR
WITH A SIDE SERIES RESISTOR
Table 1: Order Codes
PACKAGE
T & R
Comments
FLIPCHIP11
ST4G3234BJR
5000 parts per reel
FLIPCHIP
Figure 1: Logic Diagram
Rev. 7


Similar Part No. - ST4G3234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
ST4G3235BJR STMICROELECTRONICS-ST4G3235BJR Datasheet
544Kb / 13P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST4G3235BJR STMICROELECTRONICS-ST4G3235BJR Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
More results

Similar Description - ST4G3234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
01-Jun-2004
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
2-bit dual supply bus transceiver level translator with a side series resistor
06-Dec-2006
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
1-bit dual supply bus buffer level translator with A-side series resistor
16-Aug-2006
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
1-bit dual supply bus buffer level translator with A-side series resistor
03-Dec-2007
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
1-bit dual supply bus transceiver level translator with A-side series resistor
25-Jul-2007
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com