Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8143 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8143
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8143 Datasheet HTML 9Page - Analog Devices AD8143 Datasheet HTML 10Page - Analog Devices AD8143 Datasheet HTML 11Page - Analog Devices AD8143 Datasheet HTML 12Page - Analog Devices AD8143 Datasheet HTML 13Page - Analog Devices AD8143 Datasheet HTML 14Page - Analog Devices AD8143 Datasheet HTML 15Page - Analog Devices AD8143 Datasheet HTML 16Page - Analog Devices AD8143 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8143
Rev. A | Page 13 of 24
100
0
0.1
1000
FREQUENCY (MHz)
1
10
100
90
80
70
60
50
40
30
20
10
±5V
±12V
+5V
Figure 16. Common-Mode Rejection Ratio vs. Frequency at Various Supplies
200
–200
0
100
TIME (ns)
150
100
50
0
–50
–100
–150
10
20
30
40
50
60
70
80
90
VOUT = 0.2V p-p
G = 1, RL = 150Ω
G = 1, RL = 1kΩ
G = 2, RL = 150Ω
G = 2, RL = 1kΩ
Figure 17. Small Signal Transient Response at Various Gains and Loads
200
–200
0
100
TIME (ns)
150
100
50
0
–50
–100
–150
10
20
30
40
50
60
70
80
90
RL = 1kΩ
VOUT = 0.2V p-p
G = 2, CL = 2pF
G = 2, CL = 10pF, RSNUB = 40Ω
G = 1, CL = 2pF
G = 1, CL = 10pF, RSNUB = 40Ω
Figure 18. Small Signal Transient Response at Various Gains and 10 pF
Capacitive Load Buffered by 40 Ω Resistor
100
10
0.00001
10
FREQUENCY (MHz)
0.0001
0.001
0.01
0.1
1
VS = ±12V
Figure 19. Input Referred Voltage Noise vs. Frequency
1.5
–1.5
0
100
TIME (ns)
1.0
0.5
–0.5
0
–1.0
10
20
30
40
50
60
70
80
90
VOUT = 2V p-p
G = 1, RL = 150Ω
G = 1, RL = 1kΩ
G = 2, RL = 150Ω
G = 2, RL = 1kΩ
Figure 20. Large Signal Transient Response at Various Gains and Loads
1.5
–1.5
0
100
TIME (ns)
1.0
0.5
0
–0.5
–1.0
10
20
30
40
50
60
70
80
90
G = 2, CL = 2pF
G = 2, CL = 10pF, RSNUB = 40Ω
G = 1, CL = 2pF
G = 1, CL = 10pF, RSNUB = 40Ω
RL = 1kΩ
VOUT = 2V p-p
Figure 21. Large Signal Transient Response at Various Gains and 10 pF
Capacitive Load Buffered by 40 Ω Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com