Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8143 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8143
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8143 Datasheet HTML 12Page - Analog Devices AD8143 Datasheet HTML 13Page - Analog Devices AD8143 Datasheet HTML 14Page - Analog Devices AD8143 Datasheet HTML 15Page - Analog Devices AD8143 Datasheet HTML 16Page - Analog Devices AD8143 Datasheet HTML 17Page - Analog Devices AD8143 Datasheet HTML 18Page - Analog Devices AD8143 Datasheet HTML 19Page - Analog Devices AD8143 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8143
Data Sheet
Rev. A | Page 16 of 24
15
–15
0
1000
OUTPUT LOAD (
Ω)
10
5
0
–5
–10
100
200
300
400
500
600
700
800
900
+VSAT_±5V
–VSAT_±5V
–VSAT_±12V
+VSAT_±12V
G = +2 (RF = RG = 499Ω) AND VS = ±5V
G = +5 (RF = 8.06kΩ RG = 2kΩ) AND VS = ±12V
Figure 34. Output Saturation Voltage vs. Output Load
6
–6
0
1000
TIME (ns)
5
4
3
2
1
0
–1
–2
–3
–4
–5
100
200
300
400
500
600
700
800
900
2 × VIN
OUTPUT
G = 2
Figure 35. Output Overdrive Recovery
4.0
0
–25
25
VIN (mV)
–20
–10
–5
0
5
10
15
20
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–15
VS = ±12V
VS = ±5V
Figure 36. Comparator Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com