Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP580 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP580
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP580 Datasheet HTML 1Page - Analog Devices ADCMP580 Datasheet HTML 2Page - Analog Devices ADCMP580 Datasheet HTML 3Page - Analog Devices ADCMP580 Datasheet HTML 4Page - Analog Devices ADCMP580 Datasheet HTML 5Page - Analog Devices ADCMP580 Datasheet HTML 6Page - Analog Devices ADCMP580 Datasheet HTML 7Page - Analog Devices ADCMP580 Datasheet HTML 8Page - Analog Devices ADCMP580 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultrafast SiGe
Voltage Comparators
Data Sheet
ADCMP580/ADCMP581/ADCMP582
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
180 ps propagation delay
25 ps overdrive and slew rate dispersion
8 GHz equivalent input rise time bandwidth
100 ps minimum pulse width
37 ps typical output rise/fall
10 ps deterministic jitter (DJ)
200 fs random jitter (RJ)
−2 V to +3 V input range with +5 V/−5 V supplies
On-chip terminations at both input pins
Resistor-programmable hysteresis
Differential latch control
Power supply rejection > 70 dB
APPLICATIONS
Automatic test equipment (ATE)
High speed instrumentation
Pulse spectroscopy
Medical imaging and diagnostics
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Clock and data signal restoration
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VTP TERMINATION
VCCI
VCCO
VEE
VEE
VTN TERMINATION
VN INVERTING
INPUT
LE INPUT
HYS
Q OUTPUT
Q OUTPUT
LE INPUT
ADCMP580/
ADCMP581/
ADCMP582
CML/ECL/
PECL
Figure 1.
GENERAL DESCRIPTION
The ADCMP580/ADCMP581/ADCMP582 are ultrafast voltage
comparators fabricated on the Analog Devices, Inc. proprietary
XFCB3 Silicon Germanium (SiGe) bipolar process. The
ADCMP580 features CML output drivers, the ADCMP581
features reduced swing ECL (negative ECL) output drivers, and
the ADCMP582 features reduced swing PECL (positive ECL)
output drivers.
All three comparators offer 180 ps propagation delay and 100 ps
minimum pulse width for 10 Gbps operation with 200 fs random
jitter (RJ). Overdrive and slew rate dispersion are typically less
than 15 ps.
The ±5 V power supplies enable a wide −2 V to +3 V input
range with logic levels referenced to the CML/NECL/PECL
outputs. The inputs have 50 Ω on-chip termination resistors
with the optional capability to be left open (on an individual
pin basis) for applications requiring high impedance input.
The CML output stage is designed to directly drive 400 mV into
50 Ω transmission lines terminated to ground. The NECL output
stages are designed to directly drive 400 mV into 50 Ω terminated
to −2 V. The PECL output stages are designed to directly drive
400 mV into 50 Ω terminated to VCCO − 2 V. High speed latch
and programmable hysteresis are also provided. The differential
latch input controls are also 50 Ω terminated to an independent
VTT pin to interface to either CML or ECL or to PECL logic.
The ADCMP580/ADCMP581/ADCMP582 are available in a
16-lead LFCSP.


Similar Part No. - ADCMP580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP580 AD-ADCMP580 Datasheet
305Kb / 16P
Ultrafast SiGe Voltage Comparator
Jun-2004
ADCMP580 AD-ADCMP580 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580 AD-ADCMP580 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP580 AD-ADCMP580 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP580BCP AD-ADCMP580BCP Datasheet
305Kb / 16P
Ultrafast SiGe Voltage Comparator
Jun-2004
More results

Similar Description - ADCMP580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP580 AD-ADCMP580 Datasheet
305Kb / 16P
Ultrafast SiGe Voltage Comparator
Jun-2004
ADCMP572 AD-ADCMP572_05 Datasheet
528Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
4/05-Revision 0
ADCMP580 AD-ADCMP580_05 Datasheet
411Kb / 16P
Ultrafast SiGe Voltage Comparators
7/05-Revision 0
ADCMP580 AD-ADCMP580_07 Datasheet
429Kb / 16P
Ultrafast SiGe Voltage Comparators
Rev. A
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP572 AD-ADCMP572_15 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP573 AD-ADCMP573_15 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
ADCMP580 AD-ADCMP580_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP581 AD-ADCMP581_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
ADCMP582 AD-ADCMP582_15 Datasheet
430Kb / 16P
Ultrafast SiGe Voltage Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com