Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP580 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP580
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP580 Datasheet HTML 6Page - Analog Devices ADCMP580 Datasheet HTML 7Page - Analog Devices ADCMP580 Datasheet HTML 8Page - Analog Devices ADCMP580 Datasheet HTML 9Page - Analog Devices ADCMP580 Datasheet HTML 10Page - Analog Devices ADCMP580 Datasheet HTML 11Page - Analog Devices ADCMP580 Datasheet HTML 12Page - Analog Devices ADCMP580 Datasheet HTML 13Page - Analog Devices ADCMP580 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Data Sheet
Rev. B | Page 10 of 16
5
–5
–2
3
VCM (V)
4
3
2
1
0
–1
–2
–3
–4
–1
0
1
2
LOT2 CHAR1 RISE
LOT2 CHAR1 FALL
LOT3 CHAR1 RISE
LOT3 CHAR1 FALL
Figure 11. ADCMP580 Propagation Delay Error vs. Common-Mode Voltage
M1
M1
Figure 12. ADCMP580 Eye Diagram at 7.5 Gbps
18
0
0
250
OVERDRIVE (mV)
16
14
12
10
8
6
4
2
50
100
150
200
OD DISPERSION RISE
OD DISPERSION FALL
Figure 13. Dispersion vs. Overdrive
45
25
–55
125
TEMPERATURE (°C)
43
41
39
37
35
33
31
27
29
–35
–15
5
25
45
65
85
105
QRISE
QRISE
QFALL
QFALL
Figure 14. ADCMP581 tR/tF vs. Temperature
M1
500mV
500mV
20ps/DIV
M1
Figure 15. ADCMP582 Eye Diagram at 2.5 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com