Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADCMP580BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-ADCMP580BCPZ
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADCMP580BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-ADCMP580BCPZ Datasheet HTML 8Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 9Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 10Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 11Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 12Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 13Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 14Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 15Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Data Sheet
Rev. B | Page 12 of 16
APPLICATIONS INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The ADCMP580/ADCMP581/ADCMP582 family of comparators
is designed for very high speed applications. Consequently, high
speed design techniques must be used to achieve the specified
performance. It is critically important to use low impedance
supply planes, particularly for the negative supply (VEE), the
output supply plane (VCCO), and the ground plane (GND).
Individual supply planes are recommended as part of a multilayer
board. Providing the lowest inductance return path for the
switching currents ensures the best possible performance in the
target application.
It is also important to adequately bypass the input and output
supplies. A 1 µF electrolytic bypass capacitor must be placed
within several inches of each power supply pin to ground. In
addition, multiple high quality 0.1 µF bypass capacitors must be
placed as close as possible to each of the VEE, VCCI, and VCCO
supply pins and must be connected to the GND plane with
redundant vias. High frequency bypass capacitors must be
carefully selected for minimum inductance and ESR. Parasitic
layout inductance must be strictly avoided to maximize the
effectiveness of the bypass at high frequencies.
ADCMP580/ADCMP581/ADCMP582 FAMILY OF
OUTPUT STAGES
Specified propagation delay dispersion performance is achieved
by using proper transmission line terminations. The outputs of
the ADCMP580 family comparators are designed to directly
drive 400 mV into 50 Ω cable or microstrip/stripline transmis-
sion lines terminated with 50 Ω referenced to the proper return.
The CML output stage for the ADCMP580 is shown in the
simplified schematic diagram in Figure 23. Each output is back-
terminated with 50 Ω for best transmission line matching. The
outputs of the ADCMP581/ADCMP582 are illustrated in
Figure 24; they must be terminated to −2 V for ECL outputs of
ADCMP581 and VCCO − 2 V for PECL outputs of ADCMP582. As
an alternative, Thevenin equivalent termination networks can
also be used. If these high speed signals must be routed more
than a centimeter, either microstrip or stripline techniques are
required to ensure proper transition times and to prevent
excessive output ringing and pulse width-dependent propagation
delay dispersion.
Q
16mA
50
Ω
50
Ω
Q
GND
VEE
Figure 23. Simplified Schematic Diagram of the ADCMP580 CML Output Stage
GND/VCCO
VEE
Q
Q
Figure 24. Simplified Schematic Diagram of the
ADCMP581/ADCMP582 ECL/PECL Output Stage
USING/DISABLING THE LATCH FEATURE
The latch inputs (LE/LE) are active low for latch mode and are
internally terminated with 50 Ω resistors to the VTT pin. When
using the ADCMP580, VTT must be connected to ground. When
using the ADCMP581, VTT must be connected to −2 V. When
using the ADCMP582, VTT must be connected externally to VCCO
− 2 V, preferably with its own low inductance plane.
When using the ADCMP580, the latch function can be disabled
by connecting the LE pin to VEE with an external pull-down
resistor and by leaving the LE pin to ground. To prevent excessive
power dissipation, the resistor must be 1 kΩ for the ADCMP580.
When using the ADCMP581 comparators, the latch can be
disabled by connecting the LE pin to VEE with an external 750 Ω
resistor and leaving the LE pin connected to −2 V. The idea is to
create an approximate 0.5 V offset using the internal resistor as
half of the voltage divider. Connect the VTT pin as recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com