Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADCMP580BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-ADCMP580BCPZ
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADCMP580BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-ADCMP580BCPZ Datasheet HTML 8Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 9Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 10Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 11Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 12Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 13Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 14Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 15Page - Analog Devices EVAL-ADCMP580BCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADCMP580/ADCMP581/ADCMP582
Data Sheet
Rev. B | Page 14 of 16
COMPARATOR HYSTERESIS
Adding hysteresis to a comparator is often desirable in a noisy
environment or when the differential inputs are very small or
slow moving. The transfer function for a comparator with hystere-
sis is shown in Figure 27. If the input voltage approaches the
threshold from the negative direction, the comparator switches
from a low to a high when the input crosses +VH/2. The new
switching threshold becomes −VH/2. The comparator remains
in the high state until the threshold −VH/2 is crossed from the
positive direction. In this manner, noise centered on 0 V input
does not cause the comparator to switch states unless it exceeds
the region bounded by ±VH/2.
The customary technique for introducing hysteresis into a
comparator uses positive feedback from the output back to the
input. A limitation of this approach is that the amount of hysteresis
varies with the output logic levels, resulting in hysteresis that is
not symmetric about the threshold. The external feedback
network can also introduce significant parasitics that reduce
high speed performance and can even reduce overall stability in
some cases.
OUTPUT
INPUT
0V
0
1
+VH
2
–VH
2
Figure 27. Comparator Hysteresis Transfer Function
The ADCMP580/ADCMP581/ADCMP582 family of
comparators offers a programmable hysteresis feature that can
significantly improve the accuracy and stability of the desired
hysteresis. By connecting an external pull-down resistor from
the HYS pin to VEE, a variable amount of hysteresis can be
applied. Leaving the HYS pin disconnected disables the feature,
and hysteresis is then less than 1 mV, as specified. The
maximum range of hysteresis that can be applied by using this
method is approximately ±70 mV.
Figure 28 illustrates the amount of applied hysteresis as a
function of the external resistor value. The advantage of
applying hysteresis in this manner is improved accuracy,
stability, and reduced component count. An external bypass
capacitor is not required on the HYS pin, and it would likely
degrade the jitter performance of the device.
The hysteresis pin can also be driven by a current source.
It is biased approximately 400 mV above VEE and has an
internal series resistance of approximately 600 Ω.
80
0
1
10k
RHYS CONTROL RESISTOR (Ω)
70
60
50
40
30
20
10
10
100
1k
Figure 28. Comparator Hysteresis vs. RHYS Control Resistor
MINIMUM INPUT SLEW RATE REQUIREMENT
As with many high speed comparators, a minimum slew rate
requirement must be met to ensure that the device does not
oscillate as the input signal crosses the threshold. This oscil-
lation is due in part to the high input bandwidth of the comparator
and the feedback parasitics inherent in the package. A
minimum slew rate of 50 V/µs must ensure clean output
transitions from the ADCMP580/ADCMP581/ADCMP582
family of comparators.
The slew rate may be too slow for other reasons. The extremely
high bandwidth of these devices means that broadband noise
can be a significant factor when input slew rates are low. There
is 120 μV of thermal noise generated over the bandwidth of the
comparator by the two 50 Ω terminations at room temperature.
With a slew rate of only 50 V/μs, the inputs are inside this noise
band for over 2 ps, rendering the comparator’s jitter performance of
200 fs irrelevant. Raising the slew rate of the input signal and/or
reducing the bandwidth over which that resistance is seen at the
input can greatly reduce jitter. Devices are not characterized this
way but simply bypassing a reference input close to the package
can reduce jitter 30% in low slew rate applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com