Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-12DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSP-12DC
Description  Safe isolation according to DIN EN 50178 between coil and contact
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-12DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSP-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2967442
07/23/2018   Page 1 / 5
Relay Module - PLC-RSP- 12DC/21AU - 2967442
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of PLC-BSP....../21 basic terminal block with spring-cage connection and plug-in
miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 12 V DC
Why buy this product
 Slim design
 Efficient connection to system cabling using V8 adapter
 Safe isolation according to DIN EN 50178 between coil and contact
 RT III sealed relay
 Integrated input circuit and interference suppression circuit
 Functional plug-in bridges
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4017918165376
Sales Key
08
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C


Similar Part No. - PLC-RSP-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSP-120UC PHOENIX-PLC-RSP-120UC Datasheet
132Kb / 12P
Efficient connection to system cabling using V8 adapter
PLC-RSP-120UC/21 PHOENIX-PLC-RSP-120UC/21 Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
PLC-RSP-120UC/21AU PHOENIX-PLC-RSP-120UC/21AU Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
More results

Similar Description - PLC-RSP-12DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EMG10-2-LCU PHOENIX-EMG10-2-LCU Datasheet
61Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG10-21-LCU PHOENIX-EMG10-21-LCU Datasheet
76Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG10-REL PHOENIX-EMG10-REL Datasheet
76Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG17-21-21-LC PHOENIX-EMG17-21-21-LC Datasheet
73Kb / 5P
Safe isolation according to DIN EN 50178 between coil and contact
EMG17-21-LCUAU PHOENIX-EMG17-21-LCUAU Datasheet
62Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
PLC-RSP-60DC PHOENIX-PLC-RSP-60DC Datasheet
110Kb / 7P
Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-48 PHOENIX-EMG22-KSR-48 Datasheet
61Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-60 PHOENIX-EMG22-KSR-60 Datasheet
61Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-230 PHOENIX-EMG22-KSR-230 Datasheet
60Kb / 4P
Safe isolation according to DIN EN 50178 between coil and contact
PLC-OSP-110DC PHOENIX-PLC-OSP-110DC Datasheet
119Kb / 9P
Shock resistance according to DIN 50155 (requirements according to EN 61373)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com