Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-12DC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-RSP-12DC
Description  Safe isolation according to DIN EN 50178 between coil and contact
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-12DC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-RSP-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-12DC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2967442
07/23/2018   Page 2 / 5
Relay Module - PLC-RSP- 12DC/21AU - 2967442
Technical data
Coil side
Nominal input voltage UN
12 V DC
Typical input current at UN
15.3 mA
Typical response time
5 ms
Typical release time
8 ms
Protective circuit
Reverse polarity protection Polarity protection diode
Free-wheeling diode Damping diode
Operating voltage display
Yellow LED
Power dissipation for nominal condition
0.18 W
Contact side
Contact type
1 PDT
Type of switch contact
Single contact
Contact material
AgSnO, hard gold-plated
Maximum switching voltage
30 V AC
36 V DC
Minimum switching voltage
100 mV (at 10 mA)
Min. switching current
1 mA (at 24 V)
Maximum inrush current
50 mA
Limiting continuous current
50 mA
Interrupting rating (ohmic load) max.
1.2 W (at 24 V DC)
Contact side (with destroyed gold layer)
Note
the following values are applicable if a gold layer is destroyed
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V (at 100 mA)
Limiting continuous current
6 A
Min. switching current
10 mA (at 12 V)
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
20 W (at 48 V DC)
18 W (at 60 V DC)
23 W (at 110 V DC)
40 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.2 A (at 110 V, DC13)
0.1 A (at 220 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 230 V, AC15)
Connection data input side
Connection name
Coil side



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com