Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8C5H30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # S8C5H30L
Description  LOW GATE CHARGE StripFET III MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S8C5H30L Datasheet(HTML) 1 Page - STMicroelectronics

  S8C5H30L Datasheet HTML 1Page - STMicroelectronics S8C5H30L Datasheet HTML 2Page - STMicroelectronics S8C5H30L Datasheet HTML 3Page - STMicroelectronics S8C5H30L Datasheet HTML 4Page - STMicroelectronics S8C5H30L Datasheet HTML 5Page - STMicroelectronics S8C5H30L Datasheet HTML 6Page - STMicroelectronics S8C5H30L Datasheet HTML 7Page - STMicroelectronics S8C5H30L Datasheet HTML 8Page - STMicroelectronics S8C5H30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N-CHANNEL 30V - 0.018
Ω - 8A SO-8
P-CHANNEL 30V - 0.045
Ω - 5A SO-8
LOW GATE CHARGE StripFET™ III MOSFET
1/11
September 2004
STS8C5H30L
Table 1: General Features
s
TYPICAL RDS(on) (N-Channel) = 0.018 Ω
s
TYPICAL RDS(on) (P-Channel) = 0.045 Ω
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
s
LOW THRESHOLD DRIVE
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
DESCRIPTION
This MOSFET is the latest development of STMi-
croelectronics unique ”Single Feature Size™”
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC/DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN CELLULAR
PHONES
s
DC MOTOR DRIVE
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
STS8C5H30L (N-Channel)
STS8C5H30L (P-Channel)
30 V
30 V
< 0.022
Ω
< 0.055
Ω
8 A
5 A
SO-8
PART NUMBER
MARKING
PACKAGE
PACKAGING
STS8C5H30L
S8C5H30L
SO-8
TAPE & REEL
Rev. 2


Similar Part No. - S8C5H30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S8C5H30L STMICROELECTRONICS-S8C5H30L Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
More results

Similar Description - S8C5H30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
May-2002
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2002
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
STL35NF10 STMICROELECTRONICS-STL35NF10 Datasheet
165Kb / 6P
N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Aug-2001
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Oct-2001
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STSJ18NF3LL STMICROELECTRONICS-STSJ18NF3LL Datasheet
212Kb / 9P
LOW GATE CHARGE STripFET II POWER MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
24-Jul-2006
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
Dual n-channel 30 V - 0.018 Ω - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
16-Jun-2008
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
N-channel 30 V - 0.018 Ω - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
12-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com