Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8C5H30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # S8C5H30L
Description  LOW GATE CHARGE StripFET III MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S8C5H30L Datasheet(HTML) 3 Page - STMicroelectronics

  S8C5H30L Datasheet HTML 1Page - STMicroelectronics S8C5H30L Datasheet HTML 2Page - STMicroelectronics S8C5H30L Datasheet HTML 3Page - STMicroelectronics S8C5H30L Datasheet HTML 4Page - STMicroelectronics S8C5H30L Datasheet HTML 5Page - STMicroelectronics S8C5H30L Datasheet HTML 6Page - STMicroelectronics S8C5H30L Datasheet HTML 7Page - STMicroelectronics S8C5H30L Datasheet HTML 8Page - STMicroelectronics S8C5H30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STS8C5H30L
ELECTRICAL CHARACTERISTICS(CONTINUED)
Table 7: Switching On
Table 8: Switching Off
Table 9: Source-Drain Diodef
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(2) Pulse width limited by safe operating area.
(3) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 15 V, ID = 4 A,
RG= 4.7 Ω, VGS = 4.5 V
P-CHANNEL
VDD = 15 V, ID = 2 A,
RG= 4.7 Ω, VGS = 4.5 V
(Resistive Load see, Figure 28)
n-ch
p-ch
n-ch
p-ch
12
25
14.5
35
ns
ns
ns
ns
Qg
Total Gate Charge
VDD= 24 V, ID= 8 A,
VGS= 5 V
P-CHANNEL
VDD = 24 V, ID = 4 A,
VGS = 5 V
(see, Figure 31)
n-ch
p-ch
7
12.5
10
16
nC
nC
Qgs
Gate-Source Charge
n-ch
p-ch
2.5
5
nC
nC
Qgd
Gate-Drain Charge
n-ch
p-ch
2.3
3
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 15 V, ID = 4 A,
RG= 4.7 Ω, VGS = 4.5 V
P-CHANNEL
VDD = 15 V, ID = 2.5 A,
RG= 4.7 Ω, VGS = 4.5 V
(Resistive Load see, Figure 28)
n-ch
p-ch
n-ch
p-ch
23
125
8
35
ns
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
n-ch
p-ch
8
5
A
A
ISDM (2)
Source-drain Current (pulsed)
n-ch
p-ch
32
20
A
A
VSD (1)
Forward On Voltage
ISD = 8 A, VGS = 0
ISD = 5 A, VGS = 0
n-ch
p-ch
1.5
1.2
V
V
trr
Reverse Recovery Time
ISD = 8 A, di/dt = 100 A/µs
VDD = 15V, Tj = 150°C
P-CHANNEL
ISD = 5 A, di/dt = 100 A/µs
VDD = 15V, Tj = 150°C
(see test circuit, Figure 29)
n-ch
p-ch
15
45
ns
ns
Qrr
Reverse Recovery Charge
n-ch
p-ch
5.7
36
nC
nC
IRRM
Reverse Recovery Current
n-ch
p-ch
0.76
1.6
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com