Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C47 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
9
May 3, 2004
The A/D converter interrupt is initialized by setting the
A/D converter request flag (ADF; bit 6 of INTC), caused
by an end of A/D conversion. When the interrupt is en-
abled, the stack is not full and the ADF is set, a subrou-
tine call to location 0CH will occur. The related interrupt
request flag (ADF) will be reset and the EMI bit cleared
to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the RETI in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (of course, if the stack is
not full). To return from the interrupt subroutine, RET or
RETI may be invoked. RETI will set the EMI bit to enable
an interrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt
1
04H
Timer/Event Counter Overflow
2
08H
A/D Converter Interrupt
3
0CH
The timer/event counter interrupt request flag (TF), ex-
ternal interrupt request flag (EIF), A/D converter request
flag (ADF), enable timer/event counter bit (ETI), enable
external interrupt bit (EEI), enable A/D converter inter-
rupt bit (EADI) and enable master interrupt bit (EMI)
constitute an interrupt control register (INTC) which is
located at 0BH in the data memory. EMI, EEI, ETI, EADI
are used to control the enabling/disabling of interrupts.
These bits prevent the requested interrupt from being
serviced. Once the interrupt request flags (TF, EIF, ADF)
are set, they will remain in the INTC register until the in-
terrupts are serviced or cleared by a software instruc-
tion.
It is recommended that a program does not use the
CALL subroutine within the interrupt subroutine. In-
terrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications.
If only one stack is left and enabling the interrupt is not
well controlled, the original control sequence will be dam-
aged once the
²CALL² operates in the interrupt subrou-
tine.
Oscillator Configuration
There are two oscillator circuits in the microcontroller.
Both are designed for system clocks, namely the RC os-
cillator and the Crystal oscillator, which are determined
by the options. No matter what oscillator type is se-
lected, the signal provides the system clock. The HALT
mode stops the system oscillator and ignores an exter-
nal signal to conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS is required and the resistance must
range from 30k
W to 750kW. The system clock, divided
by 4, is available on OSC2, which can be used to syn-
chronize external logic. The RC oscillator provides the
most cost effective solution. However, the frequency of
oscillation may vary with VDD, temperatures and the
chip itself due to process variations. It is, therefore, not
suitable for timing sensitive operations where an accu-
rate oscillator frequency is desired.
Register
Bit No.
Label
Function
INTC
(0BH)
0
EMI
Controls the master (global) interrupt (1=enabled; 0=disabled)
1
EEI
Controls the external interrupt (1=enabled; 0=disabled)
2
ETI
Controls the Timer/Event Counter interrupt (1=enabled; 0=disabled)
3
EADI
Controls the A/D converter interrupt (1=enabled; 0=disabled)
4
EIF
External interrupt request flag (1=active; 0=inactive)
5
TF
Internal Timer/Event Counter request flag (1=active; 0=inactive)
6
ADF
A/D converter request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0²
INTC Register
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
N M O S O p e n D r a i n
O S C 2
f S Y S / 4
O S C 1
V D D
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com