Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C47 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46C47
Description  A/D Type 8-Bit MCU
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C47 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46C47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C47 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
HT46R47/HT46C47
Rev. 1.30
13
May 3, 2004
Label (TMRC)
Bits
Function
PSC0~PSC2
0~2
To define the prescaler stages, PSC2, PSC1, PSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
TE
3
To define the TMR active edge of the Timer/Event Counter
(0=active on low to high; 1=active on high to low)
TON
4
To enable or disable timer counting
(0=disabled; 1=enabled)
¾
5
Unused bits, read as
²0²
TM0
TM1
6
7
To define the operating mode
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMRC Register
T M 1
T M 0
T M R
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
8 - B i t T i m e r / E v e n t
C o u n t e r P r e l o a d
R e g i s t e r
8 - B i t T i m e r / E v e n t
C o u n t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
1 / 2
P F D
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
P S C 2 ~ P S C 0
( 6 + 2 ) C o m p a r e
P W M
T o P D 0 C i r c u i t
Timer/Event Counter
In the pulse width measurement mode with the TON
and TE bits equal to one, once the TMR has received a
transient from low to high (or high to low if the TE bits is
²0²) it will start counting until the TMR returns to the orig-
inal level and resets the TON. The measured result will
remain in the timer/event counter even if the activated
transient occurs again. In other words, only one cycle
measurement can be done. Until setting the TON, the
cycle measurement will function again as long as it re-
ceives further transient pulse. Note that, in this operat-
ing mode, the timer/event counter starts counting not
according to the logic level but according to the transient
edges. In the case of counter overflows, the counter is
reloaded from the timer/event counter preload register
and issues the interrupt request just like the other two
modes. To enable the counting operation, the timer ON
bit (TON; bit 4 of TMRC) should be set to 1. In the pulse
width measurement mode, the TON will be cleared au-
tomatically after the measurement cycle is completed.
But in the other two modes the TON can only be reset by
instructions. The overflow of the timer/event counter is
one of the wake-up sources. No matter what the opera-
tion mode is, writinga0toETIcan disable the interrupt
service.
In the case of timer/event counter OFF condition, writ-
ing data to the timer/event counter preload register will
also reload that data to the timer/event counter. But if the
timer/event counter is turned on, data written to it will
only be kept in the timer/event counter preload register.
The timer/event counter will still operate until overflow oc-
curs. When the timer/event counter (reading TMR) is read,
the clock will be blocked to avoid errors. As clock blocking
may results in a counting error, this must be taken into con-
sideration by the programmer.
The bit0~bit2 of the TMRC can be used to define the
pre-scaling stages of the internal clock sources of
timer/event counter. The definitions are as shown. The
overflow signal of timer/event counter can be used to
generate the PFD signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com