Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNMP-R5075-33+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # UNMP-R5075-33+
Description  Matching Pad
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

UNMP-R5075-33+ Datasheet(HTML) 2 Page - Mini-Circuits

  UNMP-R5075-33+ Datasheet HTML 1Page - Mini-Circuits UNMP-R5075-33+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50/75Ω
DC to 3000 MHz
Matching Pad
Coaxial
Maximum Ratings
Coaxial Connections
Input
N-Male
Output
N-Female
Operating Temperature
-45°C to 100°C
Storage Temperature
-55°C to 100°C
Input Power
2W
Features
• Minimum loss pad
• Wideband coverage, DC to 3000 MHz
• Excellent VSWR
• Rugged unibody construction
Applications
• Impedance matching
UNMP-R5075-33+
Outline Dimensions (
)
inch
mm
Outline Drawing
Connectors Model
50ΩM-N
UNMP-R5075-33+
75ΩF-N
REV. OR
M161440
UNMP-R5075-33+
EDU2639
URJ
170517
Page 2 of 2
Electrical Specifications at 25°C
Typical Performance Data 25°C
CASE STYLE: FF779
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
--
3000
MHz
Attenuation1
DC-3000
--
5.7
--
dB
DC-3000
--
±0.15
--
DC-100
--
--
0.2
100-1000
--
--
0.3
1000-3000
--
--
0.4
VSWR
DC-100
--
1.01
1.10
:1
100-1000
--
1.05
1.10
1000-3000
--
1.1
1.20
Input Power
DC-3000
--
--
2
W
B
D
E
wt
.68
2.11
.718 grams
17.27
53.59
18.24
72.5
Electical Schematic
5.0
5.4
5.8
6.2
6.6
7.0
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
UNMP-R5075-33+
INSERTION LOSS
-45C
25C
100C
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
UNMP-R5075-33+
VSWR (50� PORT)
-45C
25C
100C
Nominal
Flatness2
50 OHMS
MALE
R2
R1
75 OHMS
FEMALE
10
5.77
1.01
1.00
50
5.78
1.01
1.00
100
5.79
1.00
1.00
300
5.82
1.00
1.01
500
5.84
1.01
1.01
800
5.86
1.02
1.02
950
5.86
1.02
1.03
1000
5.86
1.02
1.03
1200
5.87
1.03
1.04
1500
5.87
1.04
1.05
1800
5.87
1.06
1.06
2000
5.87
1.06
1.07
2300
5.87
1.07
1.07
2500
5.86
1.08
1.08
2800
5.84
1.08
1.08
3000
5.82
1.08
1.08
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
50 Ω
75 Ω
1. Attenuation varies by 0.3 dB max. over temperature
2. Flatnes= variation over band divided by 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com