Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNMP-R5075-33+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # UNMP-R5075-33+
Description  Matching Pad
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

UNMP-R5075-33+ Datasheet(HTML) 1 Page - Mini-Circuits

  UNMP-R5075-33+ Datasheet HTML 1Page - Mini-Circuits UNMP-R5075-33+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Minimum loss pad
• Wideband coverage, DC to 3000 MHz
• Excellent VSWR
Product Overview
Mini-Circuits’ UNMP-R5075-33+ is a coaxial 50/75Ω matching pad covering the DC to 3000 MHz frequency range,
supporting impedance matching in a wide range of systems. This model is ideal for 50/75Ω impedance matching in
systems where minimizing overall signal loss is a priority. The matching pad housed in a rugged unibody construc-
tion with N-Male (50Ω) to N-Female (75Ω) connectors.
Feature
Advantages
Wideband, DC to 3000 MHz
Supports a wide variety of applications including CATV and DOCSIS® 3.1 systems and equipment.
Compact size, 0.68” x 2.11” x 0.71”
Accommodates tight space requirements for crowded system layouts.
Connectorized package N-Male
(50Ω) to N-Female (75Ω) connectors Supports connections between components with different connector types.
Key Features
UNMP-R5075-33+
50/75Ω
DC to 3000 MHz
CASE STYLE:
FF779
Matching Pad
Coaxial


Similar Part No. - UNMP-R5075-33+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
UNMP-5075 MINI-UNMP-5075 Datasheet
85Kb / 1P
Coaxial Matching Pad TYPE-N 50/75??DC to 3000 MHz
UNMP-5075-33 MINI-UNMP-5075-33 Datasheet
181Kb / 1P
Matching Pad
UNMP-5075-33+ MINI-UNMP-5075-33+ Datasheet
181Kb / 1P
Matching Pad
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
Matching Pad
UNMP-5075-33R+ MINI-UNMP-5075-33R+ Datasheet
284Kb / 3P
Matching Pad
More results

Similar Description - UNMP-R5075-33+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ALMP-5075+ MINI-ALMP-5075+ Datasheet
214Kb / 1P
Matching Pad
BMP-5075+ MINI-BMP-5075+ Datasheet
134Kb / 1P
Matching Pad
BMP-5075R+ MINI-BMP-5075R+ Datasheet
69Kb / 1P
Matching Pad
SFQFM-5075 MINI-SFQFM-5075 Datasheet
349Kb / 2P
Matching Pad
UNMP-5075-33 MINI-UNMP-5075-33 Datasheet
181Kb / 1P
Matching Pad
Z7550R-FMSF MINI-Z7550R-FMSF Datasheet
279Kb / 2P
Matching Pad
logo
JFW Industries, Inc.
57Z JFW-57Z_17 Datasheet
27Kb / 1P
IMPEDANCE MATCHING PAD
logo
Mini-Circuits
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
Matching Pad
BMP-5075 MINI-BMP-5075 Datasheet
181Kb / 1P
Matching Pad
REV. E
BMP-5075R MINI-BMP-5075R Datasheet
181Kb / 1P
Matching Pad
REV. D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com