Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCOCXOS Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCOCXOS
Description  12V OCXO with Sine Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCOCXOS Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCOCXOS Datasheet HTML 1Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 2Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 3Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 4Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MCOCXOS 1/5
v1.0
MCOCXOS
MCOCXOS
12V OCXO with Sine Output
12V OCXO with Sine Output
Compact 14-pin DIL package (SMD optional)
12.0V supply voltage
Sine output
Very fast warmup
Low power consumption
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Temperature stability
Any
±0.05ppm max, 0 to +60°C
A
±0.1ppm max, -20 to +70°C
B
±0.2ppm max, -40 to +85°C
C
Frequency adjustment
Any
±3.0ppm min, control voltage 0.5~5.0V, pin 1
V5
±3.0ppm min, variable resistor 0~10kΩ, pins 1 to 7
R1
None (int accuracy ±1.0ppm)
A
None (int accuracy ±0.5ppm)
B
Package
Through hole 14 pin DIL
SMD option D1
D1
SMD option D2
D2


Similar Part No. - MCOCXOS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXOS GOLLEDGE-MCOCXOS Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
MCOCXOS/AR1 GOLLEDGE-MCOCXOS/AR1 Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
MCOCXOS/AR1 GOLLEDGE-MCOCXOS/AR1 Datasheet
155Kb / 2P
12V OCXO Sine Output
MCOCXOS/BV5 GOLLEDGE-MCOCXOS/BV5 Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
MCOCXOS/BV5 GOLLEDGE-MCOCXOS/BV5 Datasheet
155Kb / 2P
12V OCXO Sine Output
More results

Similar Description - MCOCXOS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXOS GOLLEDGE-MCOCXOS Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
HCD71 GOLLEDGE-HCD71 Datasheet
67Kb / 1P
12V OCXO Sine Output
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
HCD360 GOLLEDGE-HCD360_15 Datasheet
134Kb / 1P
OCXO Sine Output
MCOCXOS GOLLEDGE-MCOCXOS_15 Datasheet
155Kb / 2P
12V OCXO Sine Output
HCD310 GOLLEDGE-HCD310_18 Datasheet
556Kb / 4P
12V Low Profile OCXO with Sine Output
HCD360 GOLLEDGE-HCD360_18 Datasheet
556Kb / 4P
12V Tight Stability OCXO with Sine Output
HCD370 GOLLEDGE-HCD370_18 Datasheet
550Kb / 4P
12V Tight Stability OCXO with Sine Output and Low Profile
MCOCXOWS GOLLEDGE-MCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO with Sine Output
MCOCXOVS GOLLEDGE-MCOCXOVS_18 Datasheet
556Kb / 5P
5V OCXO with Sine Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com