Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCOCXOS Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MCOCXOS
Description  12V OCXO with Sine Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCOCXOS Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MCOCXOS Datasheet HTML 1Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 2Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 3Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 4Page - Golledge Electronics Ltd MCOCXOS Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCOCXOS 2/5
v1.0
Frequency range
10.0kHz ~ 54.0MHz
Dimensions
20.1 x 12.5 x 8.0mm
Frequency stability ±0.5ppm max first year
±3.0ppm max in 10 years
±0.1ppm max vs V
±10ppb max vs load ±10%
Short term stability 5x10 , t 0.1 to 30s
5x10 typ at 1s
Storage
temperature range
-55 to +125°C
Output waveform
Clipped sine, 1V p-p min
Harmonics < -10dBc
Spurii < -70dBc
Test load
1 kΩ // 5pF (±10%)
Start up time
5ms max
Supply voltage
(V )
+12.0V (±0.5V)
Input current
50mA max @ +25°C
80mA max @ -20°C
Warm up time
10s to current 250mA max @ 25°C
30s to within ±0.1ppm @ 25°C
Phase noise (typ @
10MHz)
-100dBc/Hz @ 10Hz
-130dBc/Hz @ 100Hz
-140dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
Shock & vibration
5,000g, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20g
SPECIFICATIONS
DD
-10
-11
DD
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com