Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMK-4OM-R Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # UMK-4OM-R
Description  Interface module, with plug-in socket for 4 solid-state relays, with security latch, with screw connection, with light indicator and fuse, control logic: minus switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

UMK-4OM-R Datasheet(HTML) 1 Page - PHOENIX CONTACT

  UMK-4OM-R Datasheet HTML 1Page - PHOENIX CONTACT UMK-4OM-R Datasheet HTML 2Page - PHOENIX CONTACT UMK-4OM-R Datasheet HTML 3Page - PHOENIX CONTACT UMK-4OM-R Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2971551
10/30/2014   Page 1 / 4
Optocoupler module - UMK- 4 OM-R/PF - 2971551
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Interface module, with plug-in socket for 4 solid-state relays, with security latch, with screw connection, with light
indicator and fuse, control logic: minus switching
The illustration shows a version for
4 pluggable digital I/O modules, or
SOLID-state relays
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
193.8 GRM
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Width
90 mm
Height
77 mm
Depth
72 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 55 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Input data
Status display/channel
Yellow LED
Output data


Similar Part No. - UMK-4OM-R

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UMK-4RM12DC PHOENIX-UMK-4RM12DC Datasheet
64Kb / 4P
VARIOFACE module, for 4 plug-in miniature relays or miniature optocouplers, with LED, 12 V DC input voltage
UMK-4RM230AC PHOENIX-UMK-4RM230AC Datasheet
67Kb / 4P
VARIOFACE module, for 4 plug-in miniature relays or miniature optocouplers, with LED, 230 V AC input voltage
UMK-4RM24 PHOENIX-UMK-4RM24 Datasheet
53Kb / 3P
VARIOFACE module, for 4 plug-in miniature relays or miniature optocouplers, with LED, 24 V AC/DC input voltage
UMK-4RM24DC PHOENIX-UMK-4RM24DC Datasheet
114Kb / 4P
The illustration shows a version for 4 pluggable miniature switching relays or miniature optocouplers
UMK-4RM5DC PHOENIX-UMK-4RM5DC Datasheet
66Kb / 4P
VARIOFACE module, for 4 plug-in miniature relays or miniature optocouplers, with LED, 5 V DC input voltage
More results

Similar Description - UMK-4OM-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3PF OMRON-G3PF Datasheet
1Mb / 13P
Solid State Relays with Built-in Current Transformer
logo
PHOENIX CONTACT
EMG30I PHOENIX-EMG30I Datasheet
44Kb / 2P
VARIOFACE 2-channel module with solid state relays
UMK-16OM PHOENIX-UMK-16OM Datasheet
131Kb / 4P
VARIOFACE output module, for 16 channels, with plug-in sockets for generation 4 solid-state relays from OPTO 22
UMK-16RELS PHOENIX-UMK-16RELS Datasheet
58Kb / 4P
VARIOFACE module, for 16 plug-in miniature relays or miniature solid-state relays, with LED, negative switching, 24 V DC input voltage
logo
Omron Electronics LLC
G3PC OMRON-G3PC Datasheet
618Kb / 7P
Solid State Relays with Failure Detection Function
2016.12
logo
WECO ELECTRICAL CONNECT...
302-FB WECO-302-FB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket with clamping spring
04.19
302-FLW-DS WECO-302-FLW-DS Datasheet
104Kb / 1P
Plug-in terminal strip Screw connection & socket with clamping spring, Plug-in direction vertical
04.19
323-FB WECO-323-FB Datasheet
119Kb / 1P
Plug-in terminal strip Screw connection & socket with clamping spring
04.19
323-FBW WECO-323-FBW Datasheet
150Kb / 1P
Plug-in terminal strip Screw connection & socket with clamping spring, plug-in direction vertical
07.18
970-NFBW WECO-970-NFBW Datasheet
60Kb / 1P
Plug connector Screw connection, with latch nose
11.17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com