Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMK-4OM-R Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # UMK-4OM-R
Description  Interface module, with plug-in socket for 4 solid-state relays, with security latch, with screw connection, with light indicator and fuse, control logic: minus switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

UMK-4OM-R Datasheet(HTML) 2 Page - PHOENIX CONTACT

  UMK-4OM-R Datasheet HTML 1Page - PHOENIX CONTACT UMK-4OM-R Datasheet HTML 2Page - PHOENIX CONTACT UMK-4OM-R Datasheet HTML 3Page - PHOENIX CONTACT UMK-4OM-R Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2971551
10/30/2014   Page 2 / 4
Optocoupler module - UMK- 4 OM-R/PF - 2971551
Technical data
Output data
Limiting continuous current
4 A
Error detection (line break / short-circuit)
no
General
No. of channels
4
Compatible components
Digital I/O modules
With components
No
Mounting position
any
Assembly instructions
In rows with zero spacing
Housing insulation material
PVC, side panel PA non-reinforced,
Color
green
Standards/regulations
DIN VDE 0110b, Gr. C for 250 V DC
DIN VDE 0160 (in relevant parts)
Connection data for connection 1
Connection name
Input
Number of connections
2
Connection method
Screw connection
Number of positions
6
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Screw thread
M3
Stripping length
8 mm
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com