Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DF005S
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF005S Datasheet(HTML) 4 Page - Diodes Incorporated

  DF005S_16 Datasheet HTML 1Page - Diodes Incorporated DF005S_16 Datasheet HTML 2Page - Diodes Incorporated DF005S_16 Datasheet HTML 3Page - Diodes Incorporated DF005S_16 Datasheet HTML 4Page - Diodes Incorporated DF005S_16 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DF005S
– DF10S
Document number: DS17001 Rev. 17 - 2
4 of 5
www.diodes.com
November 2016
© Diodes Incorporated
DF005S
– DF10S
0.01
0.1
1.0
10
100
20
0
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics (per element)
T = 125癈
j
T = 25癈
j
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
DF-S
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
DF-S
DF-S
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.22
0.30
D
0.076
0.33
E

10.40
G
1.02
1.53
H
8.13
8.51
J
2.40
2.60
K
5.00
5.20
L
1.00
1.20
All Dimensions in mm
Dimensions
Value (in mm)
Z
10.26
X
1.2
Y
1.52
C
5.2
X
C
Y
Z
A
B
C
D
E
G
H
J
L
K
TJ=125C
TJ=25C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com