Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DF005S
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF005S Datasheet(HTML) 1 Page - Diodes Incorporated

  DF005S_16 Datasheet HTML 1Page - Diodes Incorporated DF005S_16 Datasheet HTML 2Page - Diodes Incorporated DF005S_16 Datasheet HTML 3Page - Diodes Incorporated DF005S_16 Datasheet HTML 4Page - Diodes Incorporated DF005S_16 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF005S
– DF10S
Document number: DS17001 Rev. 17 - 2
1 of 5
www.diodes.com
November 2016
© Diodes Incorporated
DF005S
– DF10S
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
Glass Passivated Die Construction
Low Forward Voltage Drop, High Current Capability
Surge Overload Rating to 50A Peak
Designed for Surface Mount Application
UL Listed Under Recognized Component Index, File
Number E94661
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DF-S
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Tin. Solderable per MIL-STD-202,
Method 208
Polarity: As Marked on Case
Weight: 0.38 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DFxS
DF-S
50/Tube
DFxS-T
DF-S
1500/Tape & Reel, 13-inch
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
= Manufacturers’ Code Marking
DFxxxS = Product Type Marking Code,ex:DF10S
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 for 2016)
WW =Week Code (01 to 52)
Marking Information
Image Here
Top View
Pin Diagram
Internal Schematic
Green


Similar Part No. - DF005S_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Fairchild Semiconductor
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
logo
Bruckewell Technology L...
DF005S_10S BWTECH-DF005S_10S Datasheet
415Kb / 4P
High current capability
logo
Vishay Siliconix
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Diodes Incorporated
DF005S DIODES-DF005S_15 Datasheet
142Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 16
More results

Similar Description - DF005S_16

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Won-Top Electronics
DF005S WTE-DF005S_06 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
DF005S DIODES-DF005S_15 Datasheet
142Kb / 5P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 16
logo
DONGGUAN YOU FENG WEI E...
FTB1F-ABF YFWDIODE-FTB1F-ABF Datasheet
482Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com