Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15005S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DF15005S
Description  1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF15005S Datasheet(HTML) 1 Page - Diodes Incorporated

  DF15005S Datasheet HTML 1Page - Diodes Incorporated DF15005S Datasheet HTML 2Page - Diodes Incorporated DF15005S Datasheet HTML 3Page - Diodes Incorporated DF15005S Datasheet HTML 4Page - Diodes Incorporated DF15005S Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF15005S
– DF1510S
Document number: DS17002 Rev. 11 - 2
1 of 5
www.diodes.com
November 2016
© Diodes Incorporated
DF15005S
– DF1510S
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features and Benefits
Glass Passivated Die Construction
Low Forward Voltage Drop, High Current Capability
Surge Overload Rating to 50A Peak
Designed for Surface Mount Applications
UL Listed Under Recognized Component Index, File Number
E94661
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DF-S
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Tin. Solder Plated Leads, Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Case
Marking: Type Number
Weight: 0.38 grams (Approximate)
Ordering Information (Note 4)
Device
Packaging
Shipping
DF15xxxS-T
DF-S
1500/Tape & Reel
DF15xxxS
DF-S
50/Tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Gr
een” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
.
Marking Information
YWW
DF15xxxS
= Manufacturers’ Code Marking
DF15xxxS = Product Type Marking Code
ex: DF1510S
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 for 2016)
WW = Week Code (01 to 53)
Top View
Pin Diagram
Internal Schematic
Green


Similar Part No. - DF15005S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
53Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Comchip Technology
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
87Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. 9 - 2
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
91Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
16-Jul-08
More results

Similar Description - DF15005S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF150S WTE-DF150S Datasheet
52Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
53Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Won-Top Electronics
DF150S WTE-DF150S_06 Datasheet
73Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF1502S-T DIODES-DF1502S-T Datasheet
69Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
DF15005S DIODES-DF15005S_15 Datasheet
69Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Sangdest Microelectroni...
FTB1F-15 SMC-FTB1F-15 Datasheet
215Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF1510U DIODES-DBF1510U Datasheet
381Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1505S ZSELEC-TB1505S Datasheet
86Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com